Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM201VSN221MQ20T Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKMM201VSN221MQ20T
Description  Standard Voltage Ratings - Snap Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMM201VSN221MQ20T Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKMM201VSN221MQ20T Datasheet HTML 1Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 2Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 3Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMM201VSN221MQ20T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/ 12
KMM Series
KMM Specifications - Snap Mount
Item
Category Temperature Range
25 to 105 C
Rated Voltage Range
160 to 450VDC
Capacitance Range
39 to 3,300 F
Capacitance Tolerance
20% ( M ) at
20 C, 120Hz
Leakage Current
I
≤ 3 CV ( A) after 5 minutes at 20 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Characteristics
Rated Ripple Current Multipliers
Ambient Temperature ( C)
45 C
2.64
60 C
2.23
70 C
2.12
85 C
1.73
105 C
1.00
Frequency (Hz )
DC Rated Voltage
160 - 250V
315-450V
50Hz
0.81
0.77
120Hz
1.00
1.00
300Hz
1.17
1.16
1kHz
1.32
1.30
10kHz
1.45
1.41
50kHz
1.50
1.43
Rated Voltage ( V )
Tan
( DF ) Max.
160 - 400
0.15
420 - 450
0.20
Dissipation Factor ( Tan )At
20 C, 120Hz
Rated Voltage ( V )
Z( 25 C) / Z ( 20 C)
160 - 400
4
420 - 450
8
Low Temperature
Characteristics
At 120Hz, impedance ( Z ) ratio between the
25 C value and
20 C value shall not exceed
the values given below.
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
20 C after
exposing them for 1,000 hours at
105 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 15% of initial measured value
Tan
(DF)
:
≤ 150% of initial specified value
Leakage current
:
≤ initial specified value
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
20 C
after subjecting them to DC voltage for the specified test time at
105 C with the rated ripple
current applied. The sum of the DC voltage and peak AC voltage must not exceed the full
rated voltage of the capacitors.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 200% of initial specified value
Leakage current
:
≤ initial specified value
Case Diameter
Test Time
Ø
20mm
2,000 Hours
Ø
22mm & Above
3,000 Hours
Engineering Bulletin Mar 07


Similar Part No. - EKMM201VSN221MQ20T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMM201VSN221MQ20T ETC2-EKMM201VSN221MQ20T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
More results

Similar Description - EKMM201VSN221MQ20T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN123MP25T CHEMI-CON-EKMH6R3VSN123MP25T Datasheet
180Kb / 15P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com