Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKZM100ESS222MJ25S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKZM100ESS222MJ25S
Description  Aluminum Electrolytic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZM100ESS222MJ25S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKZM100ESS222MJ25S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZM100ESS222MJ25S Datasheet HTML 2Page - United Chemi-Con, Inc. EKZM100ESS222MJ25S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NIPPON CHEMI-CON CORPORATION
1318
Specifications in this bulletin are subject to change without notice.
Engineering Bulletin
Aluminum Electrolytic Capacitor
No.763C / Jul.2005
Tentative
1
Sleeve(Brown : PET)
L'
15min.
4min.
Vent
(Except F5 & F6.3)
@Long-Life version of KZH series
@Endurance : 105C 6,000 to 10,000 hours with ripple current
@Newly innovative electrolyte is employed to minimize ESR
@Rated voltage range : 6.3 to 50V, Nominal capacitance range : 27 to 10,000MF
@Non solvent-proof
@RoHS Compliant
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
Endurance
Shelf Life
Items
-40 to +105C
6.3 to 50Vdc
P20% (M)
I=0.01CV
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified period of time at 105C.
Time
F5 & F6.3 : 6,000hours F8 & F10B12.5 : 8,000hours F10B16 to F18 : 10,000hours
Capacitance change
[P25% of the initial value (6.3, 10V : [P30%)
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C
without voltage applied.
Capacitance change
[P25% of the initial value (6.3, 10V : [P30%)
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
2 max.
3 max.
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance (mF)
Frequency (Hz)
27 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to 10,000
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 100MF:101, 1,000MF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 10V:100)
Series code
Category
E K Z M A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Note : The endurance of capacitors is shorted with internal heating produced by ripple currents at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.


Similar Part No. - EKZM100ESS222MJ25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKZM100ESS222MJ25S CHEMI-CON-EKZM100ESS222MJ25S Datasheet
85Kb / 4P
   Low impedance, 105C
More results

Similar Description - EKZM100ESS222MJ25S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com