Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMH100VSN393MA30T Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # EKMH100VSN393MA30T
Description  Standard Voltage Ratings - Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH100VSN393MA30T Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  EKMH100VSN393MA30T Datasheet HTML 1Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 2Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 3Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH100VSN393MA30T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
10 Volts
13 Volts Surge
6.3 Volts
8 Volts Surge
KMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/15
12,000
EKMH6R3VSN123MP25T
22
25
P25
0.083
1.54
15,000
EKMH6R3VSN153MP25T
22
25
P25
0.066
1.72
18,000
EKMH6R3VSN183MP30T
22
30
P30
0.055
1.95
22,000
EKMH6R3VSN223MP35T
22
35
P35
0.045
2.23
27,000
EKMH6R3VSN273MP40T
22
40
P40
0.037
2.54
33,000
EKMH6R3VSN333MP45T
22
45
P45
0.03
2.88
18,000
EKMH6R3VSN183MQ25T
25.4
25
Q25
0.055
1.96
22,000
EKMH6R3VSN223MQ30T
25.4
30
Q30
0.045
2.25
27,000
EKMH6R3VSN273MQ35T
25.4
35
Q35
0.037
2.57
33,000
EKMH6R3VSN333MQ40T
25.4
40
Q40
0.03
2.93
39,000
EKMH6R3VSN393MQ40T
25.4
40
Q40
0.026
3.18
47,000
EKMH6R3VSN473MQ50T
25.4
50
Q50
0.021
3.69
22,000
EKMH6R3VSN223MR25T
30
25
R25
0.045
2.28
27,000
EKMH6R3VSN273MR25T
30
25
R25
0.037
2.52
33,000
EKMH6R3VSN333MR30T
30
30
R30
0.03
2.89
39,000
EKMH6R3VSN393MR35T
30
35
R35
0.026
3.26
47,000
EKMH6R3VSN473MR40T
30
40
R40
0.021
3.69
56,000
EKMH6R3VSN563MR45T
30
45
R45
0.018
4.16
68,000
EKMH6R3VSN683MR50T
30
50
R50
0.015
4.71
33,000
EKMH6R3VSN333MA25T
35
25
A25
0.03
2.93
39,000
EKMH6R3VSN393MA30T
35
30
A30
0.026
3.4
47,000
EKMH6R3VSN473MA30T
35
30
A30
0.021
3.73
56,000
EKMH6R3VSN563MA35T
35
35
A35
0.018
4.12
68,000
EKMH6R3VSN683MA40T
35
40
A40
0.015
4.69
82,000
EKMH6R3VSN823MA45T
35
45
A45
0.012
5.32
120,000
EKMH6R3VSN124MA63T
35
63
A63
0.011
6.9
180,000
EKMH6R3VSN184MA80T
35
80
A80
0.008
9.04
56,000
EKMH6R3VQT563MB25T
40
25
B25
0.026
3.87
68,000
EKMH6R3VQT683MB30T
40
30
B30
0.02
4.47
82,000
EKMH6R3VQT823MB35T
40
35
B35
0.018
5.09
100,000
EKMH6R3VQT104MB40T
40
40
B40
0.014
5.79
150,000
EKMH6R3VQT154MB50T
40
50
B50
0.011
7.54
180,000
EKMH6R3VQT184MB63T
40
63
B63
0.009
8.82
220,000
EKMH6R3VQT224MB80T
40
80
B80
0.008
10.61
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
10,000
EKMH100VSN103MP25T
22
25
P25
0.083
1.55
12,000
EKMH100VSN123MP30T
22
30
P30
0.069
1.77
15,000
EKMH100VSN153MP30T
22
30
P30
0.055
1.97
18,000
EKMH100VSN183MP35T
22
35
P35
0.046
2.21
22,000
EKMH100VSN223MP40T
22
40
P40
0.038
2.51
27,000
EKMH100VSN273MP50T
22
50
P50
0.031
2.93
15,000
EKMH100VSN153MQ25T
25.4
25
Q25
0.055
1.96
18,000
EKMH100VSN183MQ30T
25.4
30
Q30
0.046
2.23
22,000
EKMH100VSN223MQ35T
25.4
35
Q35
0.038
2.54
27,000
EKMH100VSN273MQ40T
25.4
40
Q40
0.031
2.9
33,000
EKMH100VSN333MQ45T
25.4
45
Q45
0.025
3.3
39,000
EKMH100VSN393MQ50T
25.4
50
Q50
0.021
3.68
22,000
EKMH100VSN223MR25T
30
25
R25
0.038
2.4
27,000
EKMH100VSN273MR30T
30
30
R30
0.031
2.87
33,000
EKMH100VSN333MR35T
30
35
R35
0.025
3.28
39,000
EKMH100VSN393MR40T
30
40
R40
0.021
3.69
47,000
EKMH100VSN473MR45T
30
45
R45
0.018
4.17
56,000
EKMH100VSN563MR50T
30
50
R50
0.015
4.68
27,000
EKMH100VSN273MA25T
35
25
A25
0.031
2.73
33,000
EKMH100VSN333MA30T
35
30
A30
0.025
3.16
39,000
EKMH100VSN393MA30T
35
30
A30
0.021
3.43
47,000
EKMH100VSN473MA35T
35
35
A35
0.018
3.76
56,000
EKMH100VSN563MA40T
35
40
A40
0.015
4.67
68,000
EKMH100VSN683MA50T
35
50
A50
0.012
5.46
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH100VSN393MA30T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH100VSN393MA30T CHEMI-CON-EKMH100VSN393MA30T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
More results

Similar Description - EKMH100VSN393MA30T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com