Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMH100VSN393MR40T Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # EKMH100VSN393MR40T
Description  Standard Voltage Ratings - Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH100VSN393MR40T Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

Back Button EKMH100VSN393MR40T Datasheet HTML 3Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMH100VSN393MR40T Datasheet HTML 11Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
50 Volts
63 Volts Surge
35 Volts
44 Volts Surge
25 Volts
32 Volts Surge
KMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 15
3,300
EKMH350VSN332MP25T
22
25
P25
0.126
1.4
3,900
EKMH350VSN392MP30T
22
30
P30
0.106
1.57
4,700
EKMH350VSN472MP30T
22
30
P30
0.088
1.72
5,600
EKMH350VSN562MP35T
22
35
P35
0.074
1.95
6,800
EKMH350VSN682MP40T
22
40
P40
0.061
2.2
8,200
EKMH350VSN822MP50T
22
50
P50
0.051
2.55
4,700
EKMH350VSN472MQ25T
25.4
25
Q25
0.088
1.8
5,600
EKMH350VSN562MQ30T
25.4
30
Q30
0.074
1.96
6,800
EKMH350VSN682MQ35T
25.4
35
Q35
0.061
2.23
8,200
EKMH350VSN822MQ40T
25.4
40
Q40
0.051
2.53
10,000
EKMH350VSN103MQ45T
25.4
45
Q45
0.041
2.87
12,000
EKMH350VSN123MQ50T
25.4
50
Q50
0.035
3.24
5,600
EKMH350VSN562MR25T
30
25
R25
0.074
1.99
6,800
EKMH350VSN682MR25T
30
25
R25
0.061
2.19
8,200
EKMH350VSN822MR30T
30
30
R30
0.051
2.75
10,000
EKMH350VSN103MR35T
30
35
Q35
0.041
2.9
12,000
EKMH350VSN123MR40T
30
40
R40
0.035
3.23
15,000
EKMH350VSN153MR45T
30
45
R45
0.028
3.72
8,200
EKMH350VSN822MA25T
35
25
A25
0.051
2.75
10,000
EKMH350VSN103MA30T
35
30
A30
0.041
2.91
12,000
EKMH350VSN123MA30T
35
30
A30
0.035
2.99
15,000
EKMH350VSN153MA35T
35
35
A35
0.028
3.67
18,000
EKMH350VSN183MA40T
35
40
A40
0.023
4.37
22,000
EKMH350VSN223MA50T
35
50
A50
0.019
4.92
33,000
EKMH350VSN333MA63T
35
63
A63
0.012
5.60
39,000
EKMH350VSN393MA80T
35
80
A80
0.010
6.52
12,000
EKMH350VQT123MB25T
40
25
B25
0.030
2.78
18,000
EKMH350VQT183MB30T
40
30
B30
0.022
3.56
22,000
EKMH350VQT223MB35T
40
35
B35
0.019
4.09
27,000
EKMH350VQT273MB40T
40
40
B40
0.016
4.66
33,000
EKMH350VQT333MB50T
40
50
B50
0.013
5.48
47,000
EKMH350VQT473MB63T
40
63
B63
0.010
6.98
56,000
EKMH350VQT563MB80T
40
80
B80
0.008
8.29
18,000
EKMH250VSN183MR40T
30
40
R40
0.028
3.54
22,000
EKMH250VSN223MR45T
30
45
R45
0.023
4.04
12,000
EKMH250VSN123MA25T
35
25
A25
0.041
2.74
15,000
EKMH250VSN153MA30T
35
30
A30
0.033
3.27
18,000
EKMH250VSN183MA30T
35
30
A30
0.028
3.58
22,000
EKMH250VSN223MA35T
35
35
A35
0.023
3.64
27,000
EKMH250VSN273MA45T
35
45
A45
0.018
4.73
33,000
EKMH250VSN333MA50T
35
50
A50
0.015
5.39
47,000
EKMH250VSN473MA63T
35
63
A63
0.012
6.11
68,000
EKMH250VSN683MA80T
35
80
A80
0.009
7.86
18,000
EKMH250VQT183MB25T
40
25
B25
0.029
3.11
27,000
EKMH250VQT273MB30T
40
30
B30
0.021
3.98
33,000
EKMH250VQT333MB35T
40
35
B35
0.018
4.57
39,000
EKMH250VQT393MB40T
40
40
B40
0.015
5.12
47,000
EKMH250VQT473MB50T
40
50
B50
0.013
5.97
68,000
EKMH250VQT683MB63T
40
63
B63
0.010
7.67
82,000
EKMH250VQT823MB80T
40
80
B80
0.008
9.16
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
1,800
EKMH500VSN182MP25T
22
25
P25
0.184
1.33
2,700
EKMH500VSN272MP30T
22
30
P30
0.123
1.69
3,300
EKMH500VSN332MP35T
22
35
P35
0.10
1.93
3,900
EKMH500VSN392MP40T
22
40
P40
0.085
2.16
4,700
EKMH500VSN472MP45T
22
45
P45
0.071
2.43
5,600
EKMH500VSN562MP50T
22
50
P50
0.059
2.75
2,700
EKMH500VSN272MQ25T
25.4
25
Q25
0.123
1.7
3,300
EKMH500VSN332MQ30T
25.4
30
Q30
0.10
1.85
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH100VSN393MR40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH100VSN393MR40T CHEMI-CON-EKMH100VSN393MR40T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
More results

Similar Description - EKMH100VSN393MR40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com