Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER1606C Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # HER1606C
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HER1606C Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  HER1606C Datasheet HTML 1Page - MIC GROUP RECTIFIERS HER1606C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HER1601C THRU HER1607C
CURRENT
16.0 Ampere
RATING AND CHRACTERISTIC CURVES HER1601C THRU HER1607C
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
2
150
100
1
0
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
16
50
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
0.375
″(9.5mm) Lead Length
4
68
1 Cycle
60
8.0
50
24
100
100
10
0.1
1
Vsig=50mVp-p
f=1MHz
T =25
° C
1.0
10
100
J
J
T =125
° C
Trr
1cm
F1G.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
NOTES : 1.Rise Time=7ns mas. Input Impedance=
1 magohm. 22pF
50 ohms
2.Rise time=10ns max. Source Impedance=
1
Ω
NON
INDUCTIVE
D.U.T.
PULSE
GENERATIOR
(NOTE 2)
OSCILLOSCOPE
(NOTE 1)
50
Ω
NONINDUCTIVE NONINDUCTIVE
10
Ω
25 Vdc
(+)
(approx.)
(-)
(-)
(+)
+0.5A
-0.25A
-1.0A
0
SET TIME BASE FOR
50/100ns/cm
J
T =25
° C
140
120
0
20
60
0.01
0.1
1.0
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
100
40
80
FIG.3-TYPICAL INSTANTANEOUS
FIG.4-TYPICAL REVERSE
10
REVERSE VOLTAGE,(V)
20
12
4.0
FORWARD CHARACTERISTICS PER LEG
1.2
J
T =25
° C
0.8
0.4
1% Duty Cycle
Pulse Width=300us
INSTANTANEOUS FORWARD VOLTAGE,(V)
1.6
100
10
1.0
0.6
1.0
1.4
1.8
0.1
FIG.5-TYPICAL JUNCTION CAPACITANCE
PER LEG
CHARACTERISTICS PER LEG


Similar Part No. - HER1606C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1606C THINKISEMI-HER1606C Datasheet
642Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
logo
Rectron Semiconductor
HER1606C RECTRON-HER1606C Datasheet
673Kb / 5P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 16.0 Amperes
2022-04 REV:A
logo
Thinki Semiconductor Co...
HER1606CA THINKISEMI-HER1606CA Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER1606CL THINKISEMI-HER1606CL Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER1606CR THINKISEMI-HER1606CR Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
More results

Similar Description - HER1606C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER251G MIC-HER251G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com