Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER507 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HER507
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HER507 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HER507 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HER507 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE
50 to 800 Volts
HER501 THRU HER507
CURRENT
5.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.042ounce, 1.19 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
HER
501
HER
502
HER
503
HER
504
HER
505
HER
506
HER
507
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 50℃
I(AV)
5.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
200
150
Amps
Maximum Instantaneous Forward Voltage @ 3.0A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 125℃
IR
500
µA
Maximum Full Load Recovery Current,full cycle
average 0.375”(9.5mm)lead length at TL=55℃
IR(AV)
150
µA
Maximum Reverse Recovery Time(NOTE 1)
trr
70
100
ns
Typical Thermal Resistance (NOTE 2)
CJ
70
50
PF
Typical Thermal Resistance(NOTE 3)
RθJA
20
/W
Operating Junction Temperature Range
TJ ,TSTG
(-55 to +150)
Notes:
1 Test Condition:IF=0.5A,IR=1.0A,IRR=0.25A
2. Measured at 1.0 MHz and applied reverse of 4.0 V
3 Thermal resistance from junction to ambient with .375”(9.5mm)lead length, P.C.B. mounted. .
DO-27
DIA.
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
.375(9.5)
.335(8.5)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)


Similar Part No. - HER507

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER507 MOSPEC-HER507 Datasheet
123Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
logo
Goodwork Semiconductor ...
HER507 GWSEMI-HER507 Datasheet
69Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
HER507 BILIN-HER507 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER507 DGNJDZ-HER507 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
HER507 EIC-HER507 Datasheet
55Kb / 2P
   HIGH EFFICIENT
More results

Similar Description - HER507

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com