Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM181VSN182MR60T Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # EKMM181VSN182MR60T
Description  Standard Voltage Ratings - Snap Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMM181VSN182MR60T Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

Back Button EKMM181VSN182MR60T Datasheet HTML 3Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMM181VSN182MR60T Datasheet HTML 11Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
220 Volts
275 Volts Surge
200 Volts
250 Volts Surge
120
EKMM221VSN121MN20T
20
20
N20
2.072
0.56
150
EKMM221VSN151MN25T
20
25
N25
1.658
0.73
180
EKMM221VSN181MN25T
20
25
N25
1.381
0.9
220
EKMM221VSN221MN30T
20
30
N30
1.13
1.0
270
EKMM221VSN271MN35T
20
35
N35
0.921
1.15
330
EKMM221VSN331MN40T
20
40
N40
0.753
1.25
390
EKMM221VSN391MN45T
20
45
N45
0.638
1.4
470
EKMM221VSN471MN50T
20
50
N50
0.529
1.51
150
EKMM221VSN151MP20T
22
20
P20
1.658
0.67
220
EKMM221VSN221MP25T
22
25
P25
1.13
1.0
270
EKMM221VSN271MP30T
22
30
P30
0.921
1.15
330
EKMM221VSN331MP35T
22
35
P35
0.753
1.25
390
EKMM221VSN391MP35T
22
35
P35
0.638
1.4
470
EKMM221VSN471MP40T
22
40
P40
0.529
1.51
560
EKMM221VSN561MP45T
22
45
P45
0.444
1.7
180
EKMM221VSN181MQ20T
25.4
20
Q20
1.381
0.76
220
EKMM221VSN221MQ20T
25.4
20
Q20
1.13
0.84
270
EKMM221VSN271MQ25T
25.4
25
Q25
0.921
1.08
330
EKMM221VSN331MQ25T
25.4
25
Q25
0.753
1.25
390
EKMM221VSN391MQ30T
25.4
30
Q30
0.638
1.4
470
EKMM221VSN471MQ35T
25.4
35
Q35
0.529
1.54
560
EKMM221VSN561MQ40T
25.4
40
Q40
0.444
1.72
680
EKMM221VSN681MQ45T
25.4
45
Q45
0.366
1.94
820
EKMM221VSN821MQ50T
25.4
50
Q50
0.303
2.18
1,000
EKMM221VSN102MQ60T
25.4
60
Q60
0.249
2.54
270
EKMM221VSN271MR20T
30
20
R20
0.921
0.98
390
EKMM221VSN391MR25T
30
25
R25
0.638
1.36
470
EKMM221VSN471MR25T
30
25
R25
0.529
1.5
560
EKMM221VSN561MR30T
30
30
R30
0.444
1.7
680
EKMM221VSN681MR35T
30
35
R35
0.366
1.93
820
EKMM221VSN821MR40T
30
40
R40
0.303
2.19
1,000
EKMM221VSN102MR45T
30
45
R45
0.249
2.5
1,200
EKMM221VSN122MR50T
30
50
R50
0.207
2.81
1,500
EKMM221VSN152MR60T
30
60
R60
0.166
3.3
330
EKMM221VSN331MA20T
35
20
A20
0.753
1.13
390
EKMM221VSN391MA20T
35
20
A20
0.638
1.23
820
EKMM201VSN821MQ45T
25.4
45
Q45
0.303
2.04
1,000
EKMM201VSN102MQ50T
25.4
50
Q50
0.249
2.3
1,200
EKMM201VSN122MQ60T
25.4
60
Q60
0.207
2.66
270
EKMM201VSN271MR20T
30
20
R20
0.921
1.05
330
EKMM201VSN331MR20T
30
20
R20
0.753
1.1
470
EKMM201VSN471MR25T
30
25
R25
0.529
1.5
560
EKMM201VSN561MR25T
30
25
R25
0.444
1.67
680
EKMM201VSN681MR30T
30
30
R30
0.366
1.78
820
EKMM201VSN821MR35T
30
35
R35
0.303
2.04
1,000
EKMM201VSN102MR40T
30
40
R40
0.249
2.3
1,200
EKMM201VSN122MR45T
30
45
R45
0.207
2.65
1,500
EKMM201VSN152MR50T
30
50
R50
0.166
3.08
1,800
EKMM201VSN182MR60T
30
60
R60
0.138
3.49
390
EKMM201VSN391MA20T
35
20
A20
0.638
1.3
470
EKMM201VSN471MA20T
35
20
A20
0.529
1.41
680
EKMM201VSN681MA25T
35
25
A25
0.366
1.78
820
EKMM201VSN821MA30T
35
30
A30
0.303
2.04
1,000
EKMM201VSN102MA30T
35
30
A30
0.249
2.3
1,200
EKMM201VSN122MA35T
35
35
A35
0.207
2.65
1,500
EKMM201VSN152MA40T
35
40
A40
0.166
3.08
1,800
EKMM201VSN182MA45T
35
45
A45
0.138
3.48
2,200
EKMM201VSN222MA60T
35
60
A60
0.113
3.78
KMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 12
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM181VSN182MR60T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMM181VSN182MR60T ETC2-EKMM181VSN182MR60T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
More results

Similar Description - EKMM181VSN182MR60T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN123MP25T CHEMI-CON-EKMH6R3VSN123MP25T Datasheet
180Kb / 15P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com