Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER258 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # HER258
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HER258 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  HER258 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HER258 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
HER251 THRU HER258
CURRENT
2.5Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
2.0
50
1.0
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
0.375"(9.5mm)Lead Length
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
4
6
40
FORWARD SURGE CURRENT
(JEDEC Method) Tj=Tjmax
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
0
1
50
100
150
28
10
20
60
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
1 Cycle
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE REXOVERY TIME CHARACTERISTIC
NOTE: 1.Rise Time =7ns max.Input Impedance=1megohm.22pF
2.Rise time=10ns max.Source Impedance=50 ohms
SET TIME BASE FOR
50 /100NS /cm
-1.0A
0.25A
0
+0.5A
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATIOR
(NOTE 2)
(-)
NON
INDUCTIVE
10Ω
NONINDUCTIVE
50Ω
NONINDUCTIVE
D.U.T
(-)
(approx)
25 Vdc
(+)
100
1.2
Tj =25
° C
1.0
0.8
0.6
0.4
1% Duty Cycle
Pulse Width=300us
1.0
0.01
INSTANTANEOUS FORWARD VOLTAGE,(V)
1.4
1.6
1.8
10
100
80
40
60
100
10
1.0
20
0
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
140
120
T =25
° C
j
0.1
j
T =125
° C
Trr
1cm
3.0
Vsig=50mVp-p
TJ=25
° C F=1MHz
REVERSE VOLTAGE,(V)
1
0.1
1.0
10
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
HER
256-H
ER25
8
HER
251-H
ER25
5
100
10
RATING AND CHRACTERISTIC CURVES HER251 THRU HER258


Similar Part No. - HER258

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HER258 EIC-HER258 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
SynSemi, Inc.
HER258 SYNSEMI-HER258 Datasheet
39Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
Shenzhen Ping Sheng Ele...
HER258 PFS-HER258 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
HER258 EIC-HER258 Datasheet
54Kb / 2P
   HIGH EFFICIENT
logo
Rugao Dachang Electroni...
HER258 DACHANG-HER258 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
More results

Similar Description - HER258

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com