Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7745HW Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # SM7745HW
Description  2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7745HW Datasheet(HTML) 1 Page - Pletronics, Inc.

  SM7745HW Datasheet HTML 1Page - Pletronics, Inc. SM7745HW Datasheet HTML 2Page - Pletronics, Inc. SM7745HW Datasheet HTML 3Page - Pletronics, Inc. SM7745HW Datasheet HTML 4Page - Pletronics, Inc. SM7745HW Datasheet HTML 5Page - Pletronics, Inc. SM7745HW Datasheet HTML 6Page - Pletronics, Inc. SM7745HW Datasheet HTML 7Page - Pletronics, Inc. SM7745HW Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, 2008 Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM77H Series 2.5V
CMOS Clock Oscillators
May 2008
• Pletronics’ SM77H Series is a quartz crystal
controlled precision square wave generator with a
CMOS output.
• The package is designed for high density surface
mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 0.8 to 70 MHz
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable
• Disable function includes low standby power
mode
• Low Jitter
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Io
Output Current
+25 mA to -25 mA
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 30 to 50
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - SM7745HW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM7745H ETC1-SM7745H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7745H PLETRONICS-SM7745H Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM7745HE ETC1-SM7745HE Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
More results

Similar Description - SM7745HW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7645HEW PLETRONICS-SM7645HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com