Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKLM181VSN271MR15S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKLM181VSN271MR15S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKLM181VSN271MR15S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKLM181VSN271MR15S Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS 15mm height snap-ins, 105C
CAT. No. E1001E
@15mm height snap-ins
@Endurance with ripple current : 105C 2000 hours
@Non solvent-proof type
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 5 minutes)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +105C
160 to 400Vdc
P20% (M)
I[3 CV
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z (-25C) /Z (+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 2000 hours at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without
voltage applied.
Capacitance change
[P15% of the initial value
D.F. (tanE)
[150% of the initial specified value
Leakage current
[The initial specified value
Characteristics
160 to 400V
0.20
160 to 400V
4
low profile
KLM
KMH
?STANDARD RATINGS
?DIMENSIONS [mm]
@Terminal Code : VS
4.0P0.5
Vent
Sleeve (PET)
LP2
Negative mark
?PART NUMBERING SYSTEM
PC board pin-out
2-F2
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
Frequency (Hz)
160 to 250Vdc
400Vdc
No plastic disk is the standard design
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(Arms/
105c,120Hz)
Part No.
160
150
22 B 15
0.20
0.68
EKLM161VSN151MP15S
180
25.4 B 15
0.20
0.79
EKLM161VSN181MQ15S
220
25.4 B 15
0.20
0.88
EKLM161VSN221MQ15S
270
30 B 15
0.20
0.96
EKLM161VSN271MR15S
330
30 B 15
0.20
1.06
EKLM161VSN331MR15S
390
35 B 15
0.20
1.20
EKLM161VSN391MA15S
180
120
22 B 15
0.20
0.61
EKLM181VSN121MP15S
150
25.4 B 15
0.20
0.73
EKLM181VSN151MQ15S
180
25.4 B 15
0.20
0.79
EKLM181VSN181MQ15S
220
30 B 15
0.20
0.86
EKLM181VSN221MR15S
270
30 B 15
0.20
0.96
EKLM181VSN271MR15S
330
35 B 15
0.20
1.10
EKLM181VSN331MA15S
390
35 B 15
0.20
1.17
EKLM181VSN391MA15S
200
120
22 B 15
0.20
0.61
EKLM201VSN121MP15S
150
25.4 B 15
0.20
0.73
EKLM201VSN151MQ15S
180
30 B 15
0.20
0.79
EKLM201VSN181MR15S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(Arms/
105c,120Hz)
Part No.
200
220
30 B 15
0.20
0.90
EKLM201VSN221MR15S
270
35 B 15
0.20
1.00
EKLM201VSN271MA15S
330
35 B 15
0.20
1.07
EKLM201VSN331MA15S
250
82
22 B 15
0.20
0.50
EKLM251VSN820MP15S
100
25.4 B 15
0.20
0.59
EKLM251VSN101MQ15S
120
25.4 B 15
0.20
0.65
EKLM251VSN121MQ15S
150
30 B 15
0.20
0.71
EKLM251VSN151MR15S
180
30 B 15
0.20
0.79
EKLM251VSN181MR15S
220
35 B 15
0.20
0.90
EKLM251VSN221MA15S
400
39
22 B 15
0.20
0.35
EKLM401VSN390MP15S
47
25.4 B 15
0.20
0.40
EKLM401VSN470MQ15S
56
25.4 B 15
0.20
0.44
EKLM401VSN560MQ15S
68
30 B 15
0.20
0.46
EKLM401VSN680MR15S
82
30 B 15
0.20
0.51
EKLM401VSN820MR15S
100
35 B 15
0.20
0.56
EKLM401VSN101MA15S
120
35 B 15
0.20
0.62
EKLM401VSN121MA15S
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47MF:470,100MF:101)
Dummy terminal code
Terminal code
Voltage code (ex. 160V:161,400V:401)
Series code
Category
E K L M A A A V S N A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (snap-in type)"
(1/1)


Similar Part No. - EKLM181VSN271MR15S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKLM181 CHEMI-CON-EKLM181 Datasheet
314Kb / 1P
   15mm height snap-ins, 105?
More results

Similar Description - EKLM181VSN271MR15S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com