Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHACD631V334J1LHZ0 Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # FHACD631V334J1LHZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FHACD631V334J1LHZ0 Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  FHACD631V334J1LHZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FHACD631V334J1LHZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FHACD631V334J1LHZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
(1)The maximum ripple current : +85C max., 100kHz, sine wave
(2)WV(Vac) : 50Hz or 60Hz, sine wave
1000
1250
HACD3A474J
HACD3A564J
HACD3A684J
HACD3A824J
HACD3A105J
HACD3A125J
HACD3B183J
HACD3B223J
HACD3B273J
HACD3B333J
HACD3B393J
HACD3B473J
HACD3B563J
HACD3B683J
HACD3B823J
HACD3B104J
HACD3B124J
HACD3B154J
HACD3B184J
HACD3B224J
HACD3B274J
HACD3B334J
HACD3B394J
HACD3B474J
HACD3B564J
HACD3B684J
HACD3B824J
HACD3B105J
HACD3B125J
0.47
0.56
0.68
0.82
1.0
1.2
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
27.7
17.7
22.7
27.7
42.7
18.9
20.4
22.1
24.0
26.2
28.5
9.7
10.4
11.0
11.6
12.3
13.0
13.8
14.8
13.3
14.3
15.3
16.7
17.9
19.5
18.5
20.1
21.6
23.4
25.3
27.6
23.2
25.4
27.5
18.0
19.4
21.1
22.9
25.0
27.1
9.3
9.9
10.5
11.1
11.7
12.4
13.2
14.2
12.7
13.6
14.6
15.9
17.1
18.6
17.7
19.2
20.6
22.3
24.1
26.3
22.1
24.2
26.2
22.5
12.5
17.5
22.5
37.5
1.0
0.8
1.0
5.63
6.15
6.78
7.44
8.22
9.00
2.04
2.25
2.50
2.76
3.00
3.29
3.60
3.96
3.24
3.57
3.91
4.38
4.79
5.30
4.77
5.28
5.74
6.30
6.87
7.58
5.55
6.13
6.72
270
300
FHACD102V474J2LEZ0
FHACD102V564J2LEZ0
FHACD102V684J2LEZ0
FHACD102V824J2LEZ0
FHACD102V105J2LEZ0
FHACD102V125J2LEZ0
FHACD1C2V183J0LGZ0
FHACD1C2V223J0LGZ0
FHACD1C2V273J0LGZ0
FHACD1C2V333J0LGZ0
FHACD1C2V393J0LGZ0
FHACD1C2V473J0LGZ0
FHACD1C2V563J0LGZ0
FHACD1C2V683J0LGZ0
FHACD1C2V823J1LHZ0
FHACD1C2V104J1LHZ0
FHACD1C2V124J1LHZ0
FHACD1C2V154J1LHZ0
FHACD1C2V184J1LHZ0
FHACD1C2V224J1LHZ0
FHACD1C2V274J2LEZ0
FHACD1C2V334J2LEZ0
FHACD1C2V394J2LEZ0
FHACD1C2V474J2LEZ0
FHACD1C2V564J2LEZ0
FHACD1C2V684J2LEZ0
FHACD1C2V824JTLJZ0
FHACD1C2V105JTLJZ0
FHACD1C2V125JTLJZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
1600
2000
HACD3C682J
HACD3C822J
HACD3C103J
HACD3C123J
HACD3C153J
HACD3C183J
HACD3C223J
HACD3C273J
HACD3C333J
HACD3C393J
HACD3C473J
HACD3C563J
HACD3C683J
HACD3C823J
HACD3C104J
HACD3C124J
HACD3C154J
HACD3C184J
HACD3C224J
HACD3C274J
HACD3C334J
HACD3D332J
HACD3D392J
HACD3D472J
HACD3D562J
HACD3D682J
HACD3D822J
HACD3D103J
HACD3D123J
HACD3D153J
HACD3D183J
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
19.7
22.7
27.7
19.7
10.0
10.6
11.2
11.8
12.6
13.4
14.4
15.0
16.3
13.0
13.8
14.7
15.8
17.0
18.4
17.2
18.9
20.4
22.2
24.2
26.5
9.3
9.7
10.2
10.9
11.8
12.6
13.5
14.4
15.6
16.7
9.5
10.1
10.6
11.2
12.0
12.8
13.7
14.3
15.5
12.4
13.2
14.0
15.1
16.2
17.6
16.4
18.0
19.4
21.1
23.1
25.3
8.9
9.2
9.7
10.4
11.2
12.0
12.9
13.7
14.9
16.0
15.0
17.5
22.5
15.0
0.8
1.0
0.8
1.72
1.89
2.09
2.29
2.56
2.80
3.10
3.43
3.80
2.60
2.85
3.11
3.43
3.77
4.16
3.68
4.12
4.51
4.99
5.53
6.11
1.39
1.52
1.66
1.82
2.00
2.20
2.43
2.66
2.97
3.26
350
350
FHACD162V682JKLDZ0
FHACD162V822JKLDZ0
FHACD162V103JKLDZ0
FHACD162V123JKLDZ0
FHACD162V153JKLDZ0
FHACD162V183JKLDZ0
FHACD162V223JKLDZ0
FHACD162V273JKLDZ0
FHACD162V333JKLDZ0
FHACD162V393J1LHZ0
FHACD162V473J1LHZ0
FHACD162V563J1LHZ0
FHACD162V683J1LHZ0
FHACD162V823J1LHZ0
FHACD162V104J1LHZ0
FHACD162V124J2LEZ0
FHACD162V154J2LEZ0
FHACD162V184J2LEZ0
FHACD162V224J2LEZ0
FHACD162V274J2LEZ0
FHACD162V334J2LEZ0
FHACD202V332JKLDZ0
FHACD202V392JKLDZ0
FHACD202V472JKLDZ0
FHACD202V562JKLDZ0
FHACD202V682JKLDZ0
FHACD202V822JKLDZ0
FHACD202V103JKLDZ0
FHACD202V123JKLDZ0
FHACD202V153JKLDZ0
FHACD202V183JKLDZ0
Previous Part Number
(Just for your reference)
(2/3)


Similar Part No. - FHACD631V334J1LHZ0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FHAC0001LXN LITTELFUSE-FHAC0001LXN Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001SXJ LITTELFUSE-FHAC0001SXJ Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001XP LITTELFUSE-FHAC0001XP Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
148Kb / 1P
   ATO IN-LINE FUSEHOLDER
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
More results

Similar Description - FHACD631V334J1LHZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com