Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2SBA80 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # G2SBA80
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

G2SBA80 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  G2SBA80 Datasheet HTML 1Page - MIC GROUP RECTIFIERS G2SBA80 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
200 to 1000 Volts
G2SBA20 THRU G2SBA100
CURRENT
1.5 Amperes
FEATURES
Plastic package has Underwriters Laboratory
Flammability Glassification 94V-0
Glass passivated chip junction
High case dielectric strength
Typical IR less than 0.1 A
High surge current capability
Ideal for printed circuit boards
High temperature soldering guaranteed:
260℃/10 seconds, 0.375”(9.5mm) lead length
5lbs.(2.3kg) tension
MECHANICAL DATA
Case: molded plastic body over passivated junctions
Terminal: Plated leads solderable per MIL-STD-750
Method 2026
Mounting position: Any
Weight: 0.071 oz, 2.0g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
G2SBA20
G2SBA60
G2SBA80
G2BA100
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
200
600
800
1000
Volts
Maximum RMS Voltage
VRMS
140
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
600
800
1000
Volts
Maximum Average Forward
TC=80℃ (Note 1)
Rectified Output Current At
TA=25℃
I(AV)
2.0
1.5
Amps
Peak Forward Surge Current single sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
60
Amps
Maximum Instantaneous Forward drop
Per leg At 0.75 Amperes
VF
1.00
Volts
TA=25℃
Maximum Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
5.0
300
μA
Rating for Fusing (t<8.3ms)
I
2t
15
A
2s
Typical Thermal Resistance Per Leg
RΘJA
RΘJC
40
12
℃/W
Operating Junction Storage and Temperature Range
TJ ,TSTG
-55 to +150
Notes: 1.Unit mounted on P.C.B. at 0.375” (9.5mm) lead length and 0.5×0.5” (12×12mm) copper pads
Dimensions in inches and (millimeters)
GBL
O
4.8 - 5.3
0.9 - 1.1
2.03 - 2.41
1.9 - 2.5
20.7×45
20.7 - 20.9
~
~
~
+


Similar Part No. - G2SBA80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G2SBA80 VISHAY-G2SBA80 Datasheet
150Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
22-Nov-04
G2SBA80 VISHAY-G2SBA80 Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 12-Feb-08
G2SBA80-E3/45 VISHAY-G2SBA80-E3/45 Datasheet
87Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 16-Aug-13
G2SBA80-E3/51 VISHAY-G2SBA80-E3/51 Datasheet
87Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 16-Aug-13
G2SBA80-M3 VISHAY-G2SBA80-M3 Datasheet
89Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
More results

Similar Description - G2SBA80

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com