Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTC4 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # RTC4
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

RTC4 Datasheet(HTML) 2 Page - CIT Relay & Switch

  RTC4 Datasheet HTML 1Page - CIT Relay & Switch RTC4 Datasheet HTML 2Page - CIT Relay & Switch RTC4 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citswitch.com
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS
A
B
C
SCHEMATICS & PC LAYOUT (BOTTOM VIEWS)
LED CHARACTERISTICS
COLORS
LED Ratings
R
Y
G
B
PG
W
Units
Reverse Voltage
VR
5
5
5
5
5
5
V
Forward Current (avg)
IF
30
30
30
30
30
30
mA
Forward Current (peak)
IFS
90
60
120
100
100
100
mA
Reverse Current VR = 5V
IR
50
10
10
50
50
50
µA
Power Dissipation
PT
75
75
100
120
120
120
mW
Operating & Storage Temperature
TA
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
2.1
1.7
1.7
3.5
3.5
3.5
V
Forward Voltage (max.), IF = 20mA
VF
2.4
2.6
2.6
4.0
4.0
4.0
V
Wavelength at Peak Emmission, IF = 20mA
λP
630
590
565
470
525
N/A
nm
Spectral Line Half-Width, IF = 20mA
∆λ
20
20
30
30
36
N/A
nm
Luminous Intensity, IF = 20mA
LI
50
350
90
1500
1100
2700
mcd
Viewing Angle
Θ
44
40
44
30
28
40
Deg
RT


Similar Part No. - RTC4

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC4513 EPSON-RTC4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC4543 ETC-RTC4543 Datasheet
66Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
RTC4553 ETC-RTC4553 Datasheet
43Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
Epson Company
RTC4573 EPSON-RTC4573 Datasheet
157Kb / 12P
   Serial RTC with Alarm and Timer
logo
Belden Inc.
RTC48C0.75P BELDEN-RTC48C0.75P Datasheet
157Kb / 2P
   RailTuff™ Thin wall cable EN 50306-4 1P 300V 48 C 0.75 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
More results

Similar Description - RTC4

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com