Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB2 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # NCB2
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

NCB2 Datasheet(HTML) 1 Page - CIT Relay & Switch

  NCB2 Datasheet HTML 1Page - CIT Relay & Switch NCB2 Datasheet HTML 2Page - CIT Relay & Switch NCB2 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
page
104
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
25mA @ 50VDC
Electrical Life
1,000,000 cycles typical
Contact Resistance
< 25 m
Ω initial
Actuation Force
150 +/- 50gF
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Cap
ABS
Housing
6/6 Nylon
Contacts
Copper Alloy, Gold over Nickel Plated
Terminals
Copper Alloy, Silver Plated
ORDERING INFORMATION
1. Series:
NC
NC
A
2. Cover Style:
A
B
C
D
E
F
3
3. Cover Color:
1 = White
2 = Black
3 = Red
4 = Yellow
5 = Green
6 = Orange
7 = Blue
8 = Dark Gray
9 = Light Gray
4. Caps:
Blank = No Cap
C11
C12
C13
C14
C15*
C16
C17*
C18
C19
C22
C26
C27
C28
Cap Colors:
**See Cap Options for color availability
** Caps available with C & E actuators only
* C15 & C17 fit only “E” actuator
DIMENSIONS
A
B
C
NC


Similar Part No. - NCB2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NCB2-12GK35-N0 PF-NCB2-12GK35-N0 Datasheet
206Kb / 2P
   Inductive sensor
NCB2-12GM35-N0 PF-NCB2-12GM35-N0 Datasheet
264Kb / 3P
   Inductive sensor
NCB2-12GM35-N0-10M PF-NCB2-12GM35-N0-10M Datasheet
235Kb / 3P
   Inductive sensor
NCB2-12GM35-N0-5M PF-NCB2-12GM35-N0-5M Datasheet
263Kb / 3P
   Inductive sensor
NCB2-12GM35-N0-V1 PF-NCB2-12GM35-N0-V1 Datasheet
288Kb / 3P
   Inductive sensor
More results

Similar Description - NCB2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com