Electronic Components Datasheet Search |
|
A2F1CSQ6VDC1.6 Datasheet(PDF) 2 Page - CIT Relay & Switch |
|
A2F1CSQ6VDC1.6 Datasheet(HTML) 2 Page - CIT Relay & Switch |
2 / 3 page www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 A2 Units = mm Dimensions 1. Series A2 1C S Q 12VDC 1.6 A2 standard A2F with mounting flange A2M with metal bracket A2S with metal bracket and shroud 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) 3. Sealing Option S = Sealed C = Dust Cover *not available with A2S 4. Termination P = PCB Pins *not available with A2S Q = Quick Connect 5. Coil Voltage 6VDC 12VDC 24VDC 6. Coil Power 1.6 = 1.6W 1.9 = 1.9W 7. Coil Suppression Blank = Standard D = Diode (1N4005) Cathode on “86” terminal D1 = Diode (1N4004) Cathode on “86” terminal R = Resistor (180Ω for 6VDC; 680Ω for 12VDC; 2700Ω for 24VDC) 2D = 2 Diodes (1N4005) DR = Diode & Resistor Cathode on “86” terminal (1N4005 & 180Ω for 6VDC; 680Ω for 12VDC; 2700Ω for 24VDC) ** Consult factory if other values are needed A2 with PC Pins A2 with Quick Connects page 78 Ordering Information |
Similar Part No. - A2F1CSQ6VDC1.6 |
|
Similar Description - A2F1CSQ6VDC1.6 |