Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHX Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # MHX
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

MHX Datasheet(HTML) 1 Page - CIT Relay & Switch

  MHX Datasheet HTML 1Page - CIT Relay & Switch MHX Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
.4 VA max @ 20VAC or VDC max
Electrical Life
50,000 cycles typical
Contact Resistance
< 50 m
Ω max initial
Dielectric Strength
250Vrms min
Actuation Force
500 +/- 100gF
Travel
2.0 +/- .2mm
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-20
°C to 70°C
-20
°C to 70°C
MATERIALS
RoHS COMPLIANT
Actuator
PC
Cap
6/6 Nylon, glass filled
Cover
Steel, Tin Plated
Housing
6/6 Nylon, glass filled
Spacer
Rubber
Contacts
Stainless Steel, Gold Plated
Terminals
Brass, Gold Plated
ORDERING INFORMATION
Series:
MH
MH
MHC (with black cap)
PG
LED Colors:
X = No LED
R = Red
Y = Yellow
G = Green
PG = Pure Green
B = Blue
W = White
RY = Red/Yellow dual LED
RG = Red/Green dual LED
RB = Red/Blue dual LED
YG = Yellow/Green dual LED
YB = Yellow/Blue dual LED
GB = Green/Blue dual LED
**White & Pure Green are only available as a single color
LED
DIMENSIONS
WITHOUT CAP
WITH CAP
MH


Similar Part No. - MHX

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHX MERITEK-MHX Datasheet
330Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHX160V153M22X25 MERITEK-MHX160V153M22X25 Datasheet
330Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHX160V222M22X25 MERITEK-MHX160V222M22X25 Datasheet
330Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHX160V473M22X25 MERITEK-MHX160V473M22X25 Datasheet
330Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHX160V562M22X25 MERITEK-MHX160V562M22X25 Datasheet
330Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
More results

Similar Description - MHX

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com