Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT06EH Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # KT06EH
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

KT06EH Datasheet(HTML) 1 Page - CIT Relay & Switch

  KT06EH Datasheet HTML 1Page - CIT Relay & Switch KT06EH Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
121
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
Switch: 25mA @ 24VDC
Carry: 100mA @ 24VDC
Electrical Life
2,000 cycles typical
Contact Resistance
< 25 m
Ω initial
Actuation Force
600 gF max
Actuator Travel
0.90 mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
.100” Pitch Low Profile
DIP Switch
MATERIALS
RoHS COMPLIANT
Actuator
Nylon, UL94V-0, White
Cover
Nylon, UL94V-0, Black
Housing
Nylon, UL94V-0, Black
Contacts
Beryllium Copper, Gold over Nickel Plated
Terminals
Brass, Gold over Nickel Plated
ORDERING INFORMATION
KT
Series:
KT
KT
08
Number of Positions:
02 = 2 positions
03 = 3 positions
04 = 4 positions
05 = 5 positions
06 = 6 positions
07 = 7 positions
08 = 8 positions
09 = 9 positions
10 = 10 positions
12 = 12 positions
R
Actuator Height:
E = Extended
R = Recessed
T
Tape Seal:
Blank = No Tape Seal
T = Tape Seal ** Not available with extended actuator
H
Terminal Options:
H = Straight
S = Splayed


Similar Part No. - KT06EH

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
KT0006 BULGIN-KT0006 Datasheet
112Kb / 1P
   Accessories
KT0009 BULGIN-KT0009 Datasheet
112Kb / 1P
   Accessories
KT0012 BULGIN-KT0012 Datasheet
112Kb / 1P
   Accessories
logo
Everlight Electronics C...
KT04H-P05-50K-N52-TR EVERLIGHT-KT04H-P05-50K-N52-TR Datasheet
1Mb / 27P
   Robust package with high lumens
KT04H-P05-57K-N52-TR EVERLIGHT-KT04H-P05-57K-N52-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

Similar Description - KT06EH

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com