Electronic Components Datasheet Search |
|
J1513BT18VDC Datasheet(PDF) 2 Page - CIT Relay & Switch |
|
J1513BT18VDC Datasheet(HTML) 2 Page - CIT Relay & Switch |
2 / 4 page www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 General Data J151 Ordering Information 1. Series J151 2C T 12VDC .9 J151 2. Contact Arrangement 1A, 1B, 1C 2A, 2B, 2C 3A, 3B, 3C 4A, 4B, 4C 3. Termination T = Solder lugs / Plug-in F = Solder lugs / Plug-in with Flange P = PCB Terminals 4. Coil Voltage 6VDC / 6VAC 12VDC / 12VAC 24VDC / 24VAC 36VDC / 36VAC 48VDC / 48VAC 110VDC / 110VAC 120VAC 220VAC 240VAC 5. Coil Power .9 = .9W (DC coil for use with 1 and 2 pole models only) 1.4 = 1.4W (DC coil for use with 3 pole models only) 1.5 = 1.5W (DC coil for use with 4 pole models only) 1.2 = 1.2VA (AC coil for use with 1 and 2 pole models only) 2.0 = 2.0VA (AC coil for use iwth 3 pole models only) 2.5 = 2.5VA (AC coil for use with 4 pole models only) 6. Option LED Blank = No indicator LED D = With indicator LED 7. Gold Option Blank = Standard contact G = Gold over standard contacts 8. Push to Test Option Blank = Without push to test button T = With push to test button Electrical Life @ rated load 100K cycles, typical Mechanical Life 20M cycles (1 & 2 pole), typical; 10M cycles (3 & 4 pole), typical Insulation Resistance 100M Ω min. @ 500VDC Dielectric Strength, Coil to Contact 1500V rms min. @ sea level Contact to Contact 1500V rms min. @ sea level Shock Resistance 100m/s2 for 11 ms Vibration Resistance 1.27mm double amplitude 10~40Hz Terminal (Copper Alloy) Strength 10N Operating Temperature -40oC to +85oC Storage Temperature -40oC to +155oC Solderability 260oC for 5 s Weight 2C: 40g; 3C: 50g; 4C: 60g |
Similar Part No. - J1513BT18VDC |
|
Similar Description - J1513BT18VDC |