Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSOZA406 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # BSOZA406
Description  BIG SOZA CELL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

BSOZA406 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  BSOZA406 Datasheet HTML 1Page - MIC GROUP RECTIFIERS BSOZA406 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BIG SOZA CELL
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
BSOZA401 THRU BSOZA406
CURRENT
40.0 Amperes
RATINGS AND CHARACTERISTIC CURVES BSOZA401 THRU BSOZA406
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
CASE TEMPERATURE, ()
125
100
150
175
75
50
25
0
0
10
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0.375″(9.5mm) Lead Length
300
200
80
20
400
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
1000
100
10
1.0
0.1
1.4
1.6
2.0
1.8
1.0
1.2
0.8
0.6
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
40
30
20
10
0
0
SQUARE WAVE
DC
AVERAGE FORWARD CURRENT, (A)
F1G.4 FORWARD ROWER DISSIPATION
50
30
110
100
40
35
600
500
60
40
20


Similar Part No. - BSOZA406

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BSOZA406 CHENYI-BSOZA406 Datasheet
154Kb / 2P
   BIG SOZA CELL
More results

Similar Description - BSOZA406

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
   BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA40M MIC-BSOZAA40M Datasheet
20Kb / 1P
   BIG SOZA CELL
BSOZAA40Z MIC-BSOZAA40Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA401 CHENYI-BSOZA401 Datasheet
154Kb / 2P
   BIG SOZA CELL
BSOZAA50M CHENYI-BSOZAA50M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA30Z MIC-BSOZAA30Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA301 CHENYI-BSOZA301 Datasheet
160Kb / 2P
   BIG SOZA CELL
BSOZAA40M CHENYI-BSOZAA40M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA30M MIC-BSOZAA30M Datasheet
20Kb / 1P
   BIG SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com