Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J114FL2AS1218VDC.41 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J114FL2AS1218VDC.41
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J114FL2AS1218VDC.41 Datasheet(HTML) 1 Page - CIT Relay & Switch

  J114FL2AS1218VDC.41 Datasheet HTML 1Page - CIT Relay & Switch J114FL2AS1218VDC.41 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J114FL
E197852
29.0 x 12.6 x 15.7 mm
RoHS Compliant
Switching capacity 16A
Low profile 15.7mm
F Class insulation standard
UL/CUL certified
Coil Data
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
5
6.5
62
3.75
.5
.41
10
5
6
7.8
90
4.50
.6
9
11.7
202
6.75
.9
12
15.6
360
9.00
1.2
24
31.2
1440
18.00
2.4
48
62.4
5760
36.00
3.6
Contact Data
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
Contact Arrangement 1A = SPST N.O.
1C = SPDT
2A = DPST N.O.
2C = DPDT
Contact Rating
12A @ 250VAC; 30VDC General Purpose
16A @ 250VAC; 30VDC General Purpose
8A @ 277VAC; 30VDC General Purpose
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
480W, 4000VA
Maximum Switching Voltage
440VAC, 125VDC
Maximum Switching Current
16A
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
1000M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
5000V rms min. @ sea level
Contact to Contact
1000V rms min. @ sea level
Shock Resistance
500m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
-40oC to +125oC
Storage Temperature
-40oC to +155oC
Solderability
260oC +/- 2oC for 10 +/- 0.5s
Weight
13.5g
General Data
Features


Similar Part No. - J114FL2AS1218VDC.41

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J114FL2AS1212VDC.41 CIT-J114FL2AS1212VDC.41 Datasheet
104Kb / 4P
   Switching capacity 16A
More results

Similar Description - J114FL2AS1218VDC.41

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com