Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7620DEX Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7620DEX
Description  1.8 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7620DEX Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7620DEX Datasheet HTML 1Page - Pletronics, Inc. SM7620DEX Datasheet HTML 2Page - Pletronics, Inc. SM7620DEX Datasheet HTML 3Page - Pletronics, Inc. SM7620DEX Datasheet HTML 4Page - Pletronics, Inc. SM7620DEX Datasheet HTML 5Page - Pletronics, Inc. SM7620DEX Datasheet HTML 6Page - Pletronics, Inc. SM7620DEX Datasheet HTML 7Page - Pletronics, Inc. SM7620DEX Datasheet HTML 8Page - Pletronics, Inc. SM7620DEX Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM76D Series 1.8 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
4
Trise
10% * Vcc
Ground
Vlow
50% * Vcc
90% * Vcc
Vhigh
Tfall
Symmetry
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
V
OUT High (VOH)
0.4
0.3
-
V
Below V
CC, IOH = +8 mA
V
OUT Low (VOL)-
0.3
0.4
V
I
OL = - 8 mA
Output T
RISE and TFALL
-1.5
2.5
nS
C
LOAD = 15 pF 20% to 80% of VCC (See load circuit)
V
CC Supply Current
(I
CC)
-
21
33
mA
>125 MHz
C
LOAD = 15 pF
20% to 80% of V
CC
(See load circuit)
-
17
27
mA
>95 MHz and <=125 MHz
-
11
19
mA
<=95 MHz
Specifications with Pad 1 E/D open circuit
Load Circuit and Test Waveform


Similar Part No. - SM7620DEX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7620DE PLETRONICS-SM7620DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7620DEV PLETRONICS-SM7620DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7620DEW PLETRONICS-SM7620DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM7620DEX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
Pletronics, Inc.
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM7745HEX PLETRONICS-SM7745HEX Datasheet
110Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com