Electronic Components Datasheet Search |
|
SM5544MEX Datasheet(PDF) 6 Page - Pletronics, Inc. |
|
SM5544MEX Datasheet(HTML) 6 Page - Pletronics, Inc. |
6 / 8 page SM55M Series 1.8 V CMOS Clock Oscillators June 2007 www.pletronics.com 425-776-1880 6 Mechanical: Inches mm A 0.197 +_0.006 5.00 +_0.15 B 0.126 +_0.006 3.20 +_0.15 C 0.045 +_0.004 1.15 +_0.10 D1 0.048 1.23 E1 0.100 2.54 F1 0.004 0.10 G1 0.050 1.27 H1 0.055 1.40 Not to Scale 1 Typical dimensions I1 0.024 0.60 J1 0.004 0.10R K1 0.008 0.020R Contacts : Gold 11.8 μinches 0.3 μm minimum over Nickel 50 to 350 μinches 1.27 to 8.89 μm Pad Function Note 1 Output Enable/Disable When this pad is not connected the oscillator shall operate. When this pad is logic low the output will be inhibited (high impedance state.) Recommend connecting this pad to V CC if the oscillator is to be always on. 2 Ground (GND) 3 Output 4 Supply Voltage (V CC) Recommend connecting appropriate power supply bypass capacitors as close as possible. Layout and application information For Optimum Jitter Performance, Pletronics recommends: • a ground plane under the device • no large transient signals (both current and voltage) should be routed under the device • do not layout near a large magnetic field such as a high frequency switching power supply • do not place near piezoelectric buzzers or mechanical fans. |
Similar Part No. - SM5544MEX |
|
Similar Description - SM5544MEX |