Electronic Components Datasheet Search |
|
SM4445TW Datasheet(PDF) 6 Page - Pletronics, Inc. |
|
SM4445TW Datasheet(HTML) 6 Page - Pletronics, Inc. |
6 / 8 page SM44T Series 2.5 V CMOS Clock Oscillators September 2008 www.pletronics.com 425-776-1880 6 3 4 2 1 Mechanical: Inches mm A 0.125 + _0.006 3.20 + _0.15 B 0.098 + _0.006 2.50 + _0.15 C 0.041 + _0.004 1.05 + _0.10 D 1 0.008 0.20R E 1 0.030 0.75 F 1 0.004 0.10 G 1 0.037 0.95 Not to Scale 1 Typical dimensions Contacts : Gold 11.8 µinches 0.3 µm minimum over Nickel 50 to 350 µinches 1.27 to 8.89 µm Pad Function Note 1 Output Enable/Disable When this pad is not connected the oscillator shall operate. When this pad is logic low the output will be inhibited (high impedance state.) Recommend connecting this pad to V CC if the oscillator is to be always on. 2 Ground (GND) 3 Output 4 Supply Voltage (V CC) Recommend connecting appropriate power supply bypass capacitors as close as possible. Layout and application information For Optimum Jitter Performance, Pletronics recommends: • a ground plane under the device • no large transient signals (both current and voltage) should be routed under the device • do not layout near a large magnetic field such as a high frequency switching power supply • do not place near piezoelectric buzzers or mechanical fans. |
Similar Part No. - SM4445TW |
|
Similar Description - SM4445TW |