Electronic Components Datasheet Search |
|
SM4420TX Datasheet(PDF) 4 Page - Pletronics, Inc. |
|
SM4420TX Datasheet(HTML) 4 Page - Pletronics, Inc. |
4 / 8 page SM44T Series 1.8 V CMOS Clock Oscillators September 2008 www.pletronics.com 425-776-1880 4 -180 -160 -140 -120 -100 -80 -60 -40 -20 0 10 1,000 100,000 10,000,000 Frequency (Hz) 19.4M 25M 32M 50M 66.7M Item Typ Max Unit Condition Output T RISE and TFALL 2 5 nS < 35 MHZ C LOAD = 15 pF 20% to 80% of V CC See Load Circuit 13.5 nS > 35 MHZ and < 70 MHZ 1.5 2.5 nS > 70 MHZ 4 10 nS < 35 MHZ C LOAD = 30 pF 20% to 80% of V CC See Load Circuit 27 nS > 35 MHZ and < 70 MHZ 37 nS > 70 MHZ V CC Supply Current (ICC)1 2 mA < 8 MHZ C LOAD = 15 pF 1.5 2.5 mA > 8 MHZ and < 16 MHZ 23 mA > 16 MHZ and < 35 MHZ 12 18 mA > 35 MHZ and < 70 MHZ 17 27 mA > 70 MHZ and < 120 MHZ 23 37 mA > 120 MHZ 1.5 2.5 mA < 8 MHZ C LOAD = 30 pF 23 mA > 8 MHZ and < 16 MHZ 34 mA > 16 MHZ and < 35 MHZ 10 20 mA > 35 MHZ and < 85 MHZ Specifications with Pad 1 E/D open circuit Typical phase noise plot for 5 oscillators at different output frequencies. |
Similar Part No. - SM4420TX |
|
Similar Description - SM4420TX |