Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP54J Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # 5KP54J
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

5KP54J Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  5KP54J Datasheet HTML 1Page - MIC GROUP RECTIFIERS 5KP54J Datasheet HTML 2Page - MIC GROUP RECTIFIERS 5KP54J Datasheet HTML 3Page - MIC GROUP RECTIFIERS 5KP54J Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
5KP5.0 THRU 5KP110CA
Stand-off Voltage
5.0 to 110 Volts
5KP5.0J THRU 5KP110CAJ
Peak Pulse Power
5000 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE 1 (Cont’d)
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
At VWM
ID (μA)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
5KP36
40
48.9
5
36
10
77.8
64.3
0.104
5KP36A
40
44.2
5
36
10
86.1
58.1
0.104
5KP40
44.4
54.3
5
40
10
70
71.4
0.105
5KP40A
44.4
49.1
5
40
10
77.5
64.5
0.105
5KP43
47.8
58.4
5
43
10
65.2
76.7
0.105
5KP43A
47.8
52.8
5
43
10
72
69.4
0.105
5KP45
50
61.1
5
45
10
62.3
80.3
0.106
5KP45A
50
55.3
5
45
10
68.8
72.7
0.106
5KP48
53.3
65.2
5
48
10
58.5
85.5
0.106
5KP48A
53.3
58.9
5
48
10
64.6
77.4
0.106
5KP51
56.1
69.3
5
51
10
54.9
91.1
0.107
5KP51A
56.1
62.7
5
51
10
60.7
82.4
0.107
5KP54
60
73.3
5
54
10
51.9
96.3
0.107
5KP54A
60
66.3
5
54
10
57.4
87.1
0.107
5KP58
64.4
78.7
5
58
10
48.5
103
0.107
5KP58A
64.4
71.2
5
58
10
53.4
94
0.107
5KP60
66.7
81.5
5
60
10
46.7
107
0.108
5KP60A
66.7
73.7
5
60
10
51.7
97
0.108
5KP64
71.1
96.9
5
64
10
43.9
114
0.108
5KP64A
71.1
78.6
5
64
10
48.5
103
0.108
5KP70
77.6
95.1
5
70
10
40
125
0.108
5KP70A
77.8
86
5
70
10
44.2
113
0.108
5KP75
83.3
102
5
75
10
37.3
134
0.108
5KP75A
83.3
92.1
5
75
10
41.3
121
0.108
5KP78
86.7
106
5
78
10
36
139
0.108
5KP78A
86.7
95.8
5
78
10
39.7
126
0.108
5KP85
94.4
115
5
85
10
33.1
151
0.108
5KP85A
94.4
104
5
85
10
36.5
137
0.11
5KP90
100
122
5
90
10
31.3
160
0.11
5KP90A
100
111
5
90
10
34.2
146
0.11
5KP100
111
136
5
100
10
27.9
179
0.11
5KP100A
111
123
5
100
10
30.9
162
0.11
5KP110
122
149
5
110
10
25.5
196
0.112
5KP110A
122
135
5
110
10
28.2
177
0.112
Notes:
(1)
V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
All terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - 5KP54J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP54 LUGUANG-5KP54 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP54 SURGE-5KP54 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP54 LUGUANG-5KP54 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP54 BILIN-5KP54 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
5KP54 YFWDIODE-5KP54 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP54J

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com