Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH19NRSZ Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # BH19NRSZ
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BH19NRSZ Datasheet(HTML) 1 Page - CIT Relay & Switch

  BH19NRSZ Datasheet HTML 1Page - CIT Relay & Switch BH19NRSZ Datasheet HTML 2Page - CIT Relay & Switch BH19NRSZ Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
2A @ 36VDC; 1A @ 125VAC, 0.5A @ 250VAC
Electrical Life
50,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
16mm - 500 +/- 100gF; 19mm - 750 +/- 100gF
Actuator Travel
16mm - 1.6 +/- .25mm; 19mm - 2.0 +/- .25mm
Dielectric Strength:
2000Vrms min (contact to contact)
Insulation Resistance
>100M
Ω min
Sealing
IP65
Operating Temperature
Storage Temperature
-25
°C to 55°C
-25
°C to 55°C
MATERIALS
RoHS COMPLIANT
Actuator
Stainless Steel, Brass (Nickel or Gold plated)
Threaded Body
Stainless Steel, Brass (Nickel or Gold plated)
Nut
Stainless Steel, Brass (Nickel or Gold plated)
Terminal Support
PBT
Contacts
Silver Alloy
Terminals
Brass, Nickel plated
ORDERING INFORMATION
BH SERIES
1. Series:
BH
BH
16
2. Switch Body Diameter:
16 = 16mm
19 = 19mm
N
3. Switch Function:
N = Momentary
R
4. Actuator Style:
M = Round
F = Flush
R = Raised
B = Flush – Ring Illuminated **only available in 16mm diameter (for 19mm illuminated, see AH series)
C = Flush – Dot Illuminated **only available in 16mm diameter (for 19mm illuminated, see AH series)
S
5. Switch Finish:
S = Brushed Stainless Steel
N = Nickel Plated Brass
P = Gold Plated Brass
Z
6. Terminal Options:
Z = Screw Terminal
B = Solder Lugs **illuminated versions only available with solder lugs
7. LED Color: **only available in 16mm diameter
Blank = No LED
RO = Red/Orange dual LED
YG = Yellow/Green dual LED
R = Red
RY = Red/Yellow dual LED
YB = Yellow/Blue dual LED
Y = Yellow
RG = Red/Green dual LED
GB = Green/Blue dual LED
G = Green
RB = Red/Blue dual LED
B = Blue
OY = Orange/Yellow dual LED
W = White
OG = Orange/Green dual LED
O = Orange
OB = Orange/Blue dual LED
8. LED Voltage: **only available in 16mm diameter
Blank = No LED
N = No internal resistor in series with the LED


Similar Part No. - BH19NRSZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1900NUX ROHM-BH1900NUX Datasheet
1Mb / 22P
   Digital Temperature Sensor IC
BH1900NUX-TR ROHM-BH1900NUX-TR Datasheet
1Mb / 22P
   Digital Temperature Sensor IC
logo
Adam Technologies, Inc.
BH191 ADAM-TECH-BH191 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH192 ADAM-TECH-BH192 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH193 ADAM-TECH-BH193 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
More results

Similar Description - BH19NRSZ

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com