Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE200 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # 1.5KE200
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1.5KE200 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  1.5KE200 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1.5KE200 Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1.5KE200 Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1.5KE200 Datasheet HTML 4Page - MIC GROUP RECTIFIERS 1.5KE200 Datasheet HTML 5Page - MIC GROUP RECTIFIERS 1.5KE200 Datasheet HTML 6Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.5KE6.8 THRU 1.5KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
1500 Watts
TJ=25
f = 1.0MHz
Vsig = 50mVp-p
Voltage
Stand-Off
V =RATED
R
R
V =0
BIDIRECTIONAL
UNIDIRECTIONAL
RATING AND CHARACTERISTIC CURVES 1.5KE6.8/J THRU 1.5KE440CA/J
200
100
10
100
10
1
NUMBER OF CYCLES AT 60 Hz
FIG.6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
JEDEC Method
8.3ms Single Half Since-Wave
max
J
=T
J
T
0
1.25
2.50
3.75
5.00
0
200
175
150
125
100
75
50
25
L
T ,LEAD TEMPERATURE ℃
FIG.5- STEADY STATE POWER DERATING CURVE
5
10
100
500
VOLTS
(
BR)
V
,BREALDOWN VOLTAGE,
10,000
1,000
100
10
FIG.4- TYPICAL JUNCTION CAPACITANCE
t, TIME, ms
0
1.0
2.0
3.0
4.0
150
100
50
0
0
25
50
75
100
125
150
175
200
0
25
50
75
100
T , AMBIENT TEMPERATURE (℃)
A
FIG.2- PULSE DERATING CURVE
100
10
1.0
0.1
10ms
0.1μs
1.0μs
10μs
100μs
1.0ms
FIG.1- PEAK PULSE POWER RATING CURVE
Non-Repetitive
Pulse Waveform
TA=25
Shown in Figure 3
d
t ,PULSE WIDTH, SEC
FIG.3- PULSE WAVEFORM
60 Hz
Resistive or induction load
L = 0.375" (9.5mm)
LEAD LENGTHS
COPPER HEAT SINKS
(
20×20×1mm)
0.8×0.8×0.040"
td
tf=10use
Peak Value
lppm
Half Value-lpp
2
as Defined by R.E.A.
10/1000usec Waveform
Pulse Width (td)is Defined
as the Point Where the Peak
Current Decays to 50% of lpp


Similar Part No. - 1.5KE200

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5KE200 DIOTEC-1.5KE200 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE200 TRSYS-1.5KE200 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE200 SAMYANG-1.5KE200 Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE200 WTE-1.5KE200 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
1.5KE200 DIGITRON-1.5KE200 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
More results

Similar Description - 1.5KE200

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com