Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE100A Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # 1.5KE100A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1.5KE100A Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  1.5KE100A Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1.5KE100A Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1.5KE100A Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1.5KE100A Datasheet HTML 4Page - MIC GROUP RECTIFIERS 1.5KE100A Datasheet HTML 5Page - MIC GROUP RECTIFIERS 1.5KE100A Datasheet HTML 6Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.5KE6.8 THRU 1.5KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
1500 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE 1 (Cont’d)
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note3)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
1.5KE68/J
61.2
74.8
1
55.1
5
15.3
98
0.104
1.5KE68A/J
64.6
71.4
1
58.1
5
16.3
92
0.104
1.5KE75/J
67.5
82.5
1
60.7
5
13.9
105
0.105
1.5KE75A/J
71.3
78.8
1
64.1
5
14.6
103
0.105
1.5KE82/J
73.8
90.2
1
66.4
5
12.7
118
0.105
1.5KE82A/J
77.9
86.1
1
70.1
5
13.3
113
0.105
1.5KE91/J
81.9
100
1
73.7
5
11.5
131
0.106
1.5KE91A/J
86.5
95.5
1
77.8
5
12
125
0.106
1.5KE100/J
90
110
1
81
5
10.4
144
0.106
1.5KE100A/J
95
105
1
85.5
5
10.9
137
0.106
1.5KE110/J
99
121
1
89.2
5
9.5
158
0.107
1.5KE110A/J
105
116
1
94
5
9.9
152
0.107
1.5KE120/J
108
132
1
97.2
5
8.7
173
0.107
1.5KE120A/J
114
126
1
102
5
9.1
165
0.107
1.5KE130/J
117
143
1
105
5
8
187
0.107
1.5KE130A/J
124
137
1
111
5
8.4
179
0.107
1.5KE150/J
135
165
1
121
5
7
215
0.108
1.5KE150A/J
143
159
1
128
5
7.2
207
0.108
1.5KE160/J
144
175
1
130
5
6.5
230
0.108
1.5KE160A/J
152
167
1
136
5
6.8
219
0.108
1.5KE170/J
153
187
1
138
5
6.1
244
0.108
1.5KE170A/J
162
179
1
145
5
6.4
234
0.108
1.5KE180/J
162
197
1
146
5
5.8
258
0.108
1.5KE180A/J
171
189
1
154
5
6.1
246
0.108
1.5KE200/J
180
220
1
162
5
5.2
287
0.108
1.5KE200A/J
190
210
1
171
5
5.5
274
0.108
1.5KE220/J
198
242
1
175
5
4.4
344
0.108
1.5KE220A/J
209
231
1
185
5
4.6
328
0.108
1.5KE250/J
25
275
1
202
5
4.2
360
0.11
1.5KE250A/J
237
267
1
214
5
4.4
344
0.11
1.5KE300/J
270
330
1
243
5
3.5
430
0.11
1.5KE300A/J
285
315
1
245
5
3.6
414
0.11
1.5KE350/J
315
385
1
284
5
3
504
0.11
1.5KE350A/J
332
368
1
300
5
3.1
482
0.11
1.5KE400/J
360
440
1
324
5
2.6
574
0.11
1.5KE400A/J
380
420
1
342
5
2.7
548
0.11
1.5KE440/J
396
484
1
356
5
2.4
631
0.11
1.5KE440A/J
418
462
1
376
5
2.5
602
0.11
Notes:/
(1)
V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
All terms and symbols are consistent with ANSI/IEEE C62.35
(4)
For bidirectional type having VWM of 10 volts and less, the lD limit is doubled


Similar Part No. - 1.5KE100A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE100A PANJIT-1.5KE100A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5KE100A LEIDITECH-1.5KE100A Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Transys Electronics
1.5KE100A TRSYS-1.5KE100A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE100A DIGITRON-1.5KE100A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Shanghai Shunye Electro...
1.5KE100A SY-1.5KE100A Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE100A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com