Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2KBP06G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 2KBP06G
Description  SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

2KBP06G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  2KBP06G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 2KBP06G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
2KBP005G THRU 2KBP10G
CURRENT
20 Ampere
FEATURES
Plastic package has UL flammability
Glassification 94V-0
Glass passivated chip junction
High case dielectric strength of 1500VRMS
High surge current capability
High temperature soldering guaranteed:
260℃/10 seconds, 0.375”(9.5mm) lead length
MECHANICAL DATA
Case: molded plastic body
Terminal: Plated leads solderable per MIL-STD-750
Method 2026
Mounting position: Any
Weight: 0.069 ounce, 1.95 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
2KBP
005G
2KBP
01G
2KBP
02G
2KBP
04G
2KBP
06G
2KBP
08G
2KBP
10G
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
At TC=65℃
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
IFSM
60
Amps
Rating for Fusing (t<8.3ms)
I
2t
15
A
2s
Maximum Instantaneous Forward Voltage drop
Per Bridge element 2.0A
VF
1.1
Volts
TA=25℃
5.0
Maximum Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
250
μA
Typical Junction Capacitance per leg (Note 1)
CJ
20
pF
Typical Thermal Resistance (Note 2)
RΘJC
28
℃/W
Operating Junction Temperature Range
TJ ,
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 V
2.Unit mounted on P.C. board with 0.47’×0.47” (12×12mm) copper pads,375”(9.5mm) lead lengh
Dimensions in inches and (millimeters)
KBPG
-
+
O
DIA.
(
3.2)
0.125×45
0.140(3.6)
0.160(4.1)
(
1.52)
0.060
MIN
(
12.7)
0.50
MIN.
(
15.2)
0.60
0.085(2.16)
0.105(2.67)
0.180(4.57)
0.200(5.08)
0.028(0.71)
0.034(0.86)
0.420(10.67)
0.460(11.68)
0.460(11.68)
0.500(12.70)
0.560(14.22)
0.600(15.24)
~


Similar Part No. - 2KBP06G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2KBP06G FUJI-2KBP06G Datasheet
762Kb / 1P
   2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
2KBP06G LUGUANG-2KBP06G Datasheet
206Kb / 1P
   2A Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - 2KBP06G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com