Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP13-3E55-A630 Datasheet(PDF) 6 Page - FERYSTER Inductive Components Manufacturer

Part # EP13-3E55-A630
Description  EP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

EP13-3E55-A630 Datasheet(HTML) 6 Page - FERYSTER Inductive Components Manufacturer

  EP13-3E55-A630 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer EP13-3E55-A630 Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2004 Sep 01
6
Ferroxcube
EP cores and accessories
EP13
General data CSHS-EP13-1S-10P-T
Winding data for EP13 coil former
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E41429 (M)
Pin material
copper-clad steel, tin-lead alloy (SnPb) plated, transition to lead-free (Sn)
ongoing.
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
13.5
7.5
23.8
CSHS-EP13-1S-10P-T
handbook, full pagewidth
9.5
−0.1
5.8
−0.1
4.6
+0.1
CBW505
8.9
−0.1
7.5 min.
13.1 max.
10
0.7
5
15.1 max.
2.5
1.6
11.85
1.8
1.8
9.95
max.
0.35
10.5
2.8
Fig.3 EP13 coil former.
Dimensions in mm.


Similar Part No. - EP13-3E55-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EP13-3C81 FERROXCUBE-EP13-3C81 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A100 FERROXCUBE-EP13-3C81-A100 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A160 FERROXCUBE-EP13-3C81-A160 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A250 FERROXCUBE-EP13-3C81-A250 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A63 FERROXCUBE-EP13-3C81-A63 Datasheet
84Kb / 8P
   EP cores and accessories
More results

Similar Description - EP13-3E55-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com