Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK304-306 Datasheet(PDF) 8 Page - FERYSTER Inductive Components Manufacturer

Part # LNK304-306
Description  Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

LNK304-306 Datasheet(HTML) 8 Page - FERYSTER Inductive Components Manufacturer

Back Button LNK304-306 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 9Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 10Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 11Page - FERYSTER Inductive Components Manufacturer LNK304-306 Datasheet HTML 12Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2-8
Rev. H 12/06
8
LNK302/304-306
Pre-load Resistor R4
In high-side, direct feedback designs where the minimum load
is <3 mA, a pre-load resistor is required to maintain output
regulation. This ensures sufficient inductor energy to pull the
inductor side of the feedback capacitor C3 to input return via
D2. The value of R4 should be selected to give a minimum
output load of 3 mA.
In designs with an optocoupler the Zener or reference bias
current provides a 1 mA to 2 mA minimum load, preventing
“pulse bunching” and increased output ripple at zero load.
LinkSwitch-TN Layout Considerations
In the buck or buck-boost converter configuration, since the
SOURCE pins in LinkSwitch-TN are switching nodes, the copper
area connected to SOURCE should be minimized to minimize
EMI within the thermal constraints of the design.
In the boost configuration, since the SOURCE pins are tied
to DC return, the copper area connected to SOURCE can be
maximized to improve heatsinking.
The loop formed between the LinkSwitch-TN, inductor (L1),
freewheeling diode (D1), and output capacitor (C2) should
be kept as small as possible. The BYPASS pin capacitor
C1 (Figure 6) should be located physically close to the
SOURCE (S) and BYPASS (BP) pins. To minimize direct
coupling from switching nodes, the LinkSwitch-TN should be
placed away from AC input lines. It may be advantageous to
place capacitors C4 and C5 in-between LinkSwitch-TN and the
AC input. The second rectifier diode D4 is optional, but may
be included for better EMI performance and higher line surge
withstand capability.
Quick Design Checklist
As with any power supply design, all LinkSwitch-TN designs
should be verified for proper functionality on the bench. The
following minimum tests are recommended:
1) Adequate DC rail voltage – check that the minimum DC
input voltage does not fall below 70 VDC at maximum load,
minimum input voltage.
2) Correct Diode Selection – UF400x series diodes are
recommended only for designs that operate in MDCM at
an ambient of 70
°C or below. For designs operating in
continuous conduction mode (CCM) and/or higher ambients,
then a diode with a reverse recovery time of 35 ns or better,
such as the BYV26C, is recommended.
3) Maximum drain current – verify that the peak drain current
is below the data sheet peak drain specification under
worst-case conditions of highest line voltage, maximum
overload (just prior to auto-restart) and highest ambient
temperature.
4) Thermal check – at maximum output power, minimum
input voltage and maximum ambient temperature, verify
that the LinkSwitch-TN SOURCE pin temperature is
100
°C or below. This figure ensures adequate margin due
to variations in R
DS(ON) from part to part. A battery powered
thermocouple meter is recommended to make measurements
when the SOURCE pins are a switching node.Alternatively,
the ambient temperature may be raised to indicate margin
to thermal shutdown.
In a LinkSwitch-TN design using a buck or buck boost converter
topology, the SOURCE pin is a switching node. Oscilloscope
measurements should therefore be made with probe grounded
to a DC voltage, such as primary return or DC input rail, and
not to the SOURCE pins. The power supply input must always
be supplied from an isolated source (e.g. via an isolation
transformer).


Similar Part No. - LNK304-306

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK304-306 POWERINT-LNK304-306 Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results

Similar Description - LNK304-306

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com