Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM2210M100A Datasheet(PDF) 3 Page - Altera Corporation

Part # EPM2210M100A
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM2210M100A Datasheet(HTML) 3 Page - Altera Corporation

  EPM2210M100A Datasheet HTML 1Page - Altera Corporation EPM2210M100A Datasheet HTML 2Page - Altera Corporation EPM2210M100A Datasheet HTML 3Page - Altera Corporation EPM2210M100A Datasheet HTML 4Page - Altera Corporation EPM2210M100A Datasheet HTML 5Page - Altera Corporation EPM2210M100A Datasheet HTML 6Page - Altera Corporation EPM2210M100A Datasheet HTML 7Page - Altera Corporation EPM2210M100A Datasheet HTML 8Page - Altera Corporation EPM2210M100A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
© October 2008
Altera Corporation
MAX II Device Handbook
1. Introduction
Introduction
The MAX® II family of instant-on, non-volatile CPLDs is based on a 0.18-µm, 6-layer-
metal-flash process, with densities from 240 to 2,210 logic elements (LEs) (128 to 2,210
equivalent macrocells) and non-volatile storage of 8 Kbits. MAX II devices offer high
I/O counts, fast performance, and reliable fitting versus other CPLD architectures.
Featuring MultiVolt core, a user flash memory (UFM) block, and enhanced in-system
programmability (ISP), MAX II devices are designed to reduce cost and power while
providing programmable solutions for applications such as bus bridging, I/O
expansion, power-on reset (POR) and sequencing control, and device configuration
control.
Features
The MAX II CPLD has the following features:
Low-cost, low-power CPLD
Instant-on, non-volatile architecture
Standby current as low as 29 µA
Provides fast propagation delay and clock-to-output times
Provides four global clocks with two clocks available per logic array block (LAB)
UFM block up to 8 Kbits for non-volatile storage
MultiVolt core enabling external supply voltages to the device of either 3.3 V/2.5 V
or 1.8 V
MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, and 1.5-V logic levels
Bus-friendly architecture including programmable slew rate, drive strength, bus-
hold, and programmable pull-up resistors
Schmitt triggers enabling noise tolerant inputs (programmable per pin)
I/Os are fully compliant with the Peripheral Component Interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2 for 3.3-V
operation at 66 MHz
Supports hot-socketing
Built-in Joint Test Action Group (JTAG) boundary-scan test (BST) circuitry
compliant with IEEE Std. 1149.1-1990
ISP circuitry compliant with IEEE Std. 1532
MII51001-1.8


Similar Part No. - EPM2210M100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM2210M100A3ES ALTERA-EPM2210M100A3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210M100A3N ALTERA-EPM2210M100A3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210M100A4ES ALTERA-EPM2210M100A4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210M100A4N ALTERA-EPM2210M100A4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210M100A5ES ALTERA-EPM2210M100A5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM2210M100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com