Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54173J Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN54173J
Description  4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54173J Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54173J Datasheet HTML 7Page - Texas Instruments SN54173J Datasheet HTML 8Page - Texas Instruments SN54173J Datasheet HTML 9Page - Texas Instruments SN54173J Datasheet HTML 10Page - Texas Instruments SN54173J Datasheet HTML 11Page - Texas Instruments SN54173J Datasheet HTML 12Page - Texas Instruments SN54173J Datasheet HTML 13Page - Texas Instruments SN54173J Datasheet HTML 14Page - Texas Instruments SN54173J Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
JM38510/36101B2A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
JM38510/36101BEA
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
JM38510/36101BFA
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
JM38510/36101SEA
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
JM38510/36101SFA
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SN54173J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SN54LS173AJ
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SN74173N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
SN74LS173AD
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS173ADE4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS173ADR
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS173ADRE4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS173AN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74LS173ANE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74LS173ANSR
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS173ANSRE4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54173J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54173W
OBSOLETE
CFP
W
16
TBD
Call TI
Call TI
SNJ54LS173AFK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS173AJ
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS173AW
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 1


Similar Part No. - SN54173J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54173J TI1-SN54173J Datasheet
497Kb / 20P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54173J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
   4-bit D-type Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
logo
Texas Instruments
74LS672 TI-74LS672 Datasheet
330Kb / 9P
[Old version datasheet]   4-BIT UNIVERSAL SHIFT REGISTERS/LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com