Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM1270ZF100A Datasheet(PDF) 5 Page - Altera Corporation

Part # EPM1270ZF100A
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM1270ZF100A Datasheet(HTML) 5 Page - Altera Corporation

  EPM1270ZF100A Datasheet HTML 1Page - Altera Corporation EPM1270ZF100A Datasheet HTML 2Page - Altera Corporation EPM1270ZF100A Datasheet HTML 3Page - Altera Corporation EPM1270ZF100A Datasheet HTML 4Page - Altera Corporation EPM1270ZF100A Datasheet HTML 5Page - Altera Corporation EPM1270ZF100A Datasheet HTML 6Page - Altera Corporation EPM1270ZF100A Datasheet HTML 7Page - Altera Corporation EPM1270ZF100A Datasheet HTML 8Page - Altera Corporation EPM1270ZF100A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
Chapter 1: Introduction
1–3
Features
© October 2008
Altera Corporation
MAX II Device Handbook
MAX II devices are available in space-saving FineLine BGA, Micro FineLine BGA, and
thin quad flat pack (TQFP) packages (refer to Table 1–3 and 1–3). MAX II devices
support vertical migration within the same package (for example, you can migrate
between the EPM570, EPM1270, and EPM2210 devices in the 256-pin FineLine BGA
package). Vertical migration means that you can migrate to devices whose dedicated
pins and JTAG pins are the same and power pins are subsets or supersets for a given
package across device densities. The largest density in any package has the highest
number of power pins; you must lay out for the largest planned density in a package
to provide the necessary power pins for migration. For I/O pin migration across
densities, cross reference the available I/O pins using the device pin-outs for all
planned densities of a given package type to identify which I/O pins can be migrated.
The Quartus® II software can automatically cross-reference and place all pins for you
when given a device migration list.
Table 1–3. MAX II Packages and User I/O Pins
Device
68-Pin
Micro
FineLine
BGA (1)
100-Pin
Micro
FineLine
BGA (1)
100-Pin
FineLine
BGA (1)
100-Pin
TQFP
144-Pin
TQFP
144-Pin
Micro
FineLine
BGA (1)
256-Pin
Micro
FineLine
BGA (1)
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
EPM240
EPM240G
—80
80
80
EPM570
EPM570G
76
76
76
116
160
160
EPM1270
EPM1270G
116
212
212
EPM2210
EPM2210G
204
272
EPM240Z
54
80
EPM570Z
76
116
160
Note to Table 1–3:
(1) Packages available in lead-free versions only.
Table 1–4. MAX II TQFP, FineLine BGA, and Micro FineLine BGA Package Sizes
Package
68-Pin
Micro
FineLine
BGA
100-Pin
Micro
FineLine
BGA
100-Pin
FineLine
BGA
100-Pin
TQFP
144-Pin
TQFP
144-Pin
Micro
FineLine
BGA
256-Pin
Micro
FineLine
BGA
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
Pitch (mm)
0.5
0.5
1
0.5
0.5
0.5
0.5
1
1
Area (mm2)
25
36
121
256
484
49
121
289
361
Length × width
(mm × mm)
5 × 5
6 × 6
11 × 11
16 × 16
22 × 22
7 × 7
11 × 11
17 × 17
19 × 19


Similar Part No. - EPM1270ZF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM1270ZF100A3ES ALTERA-EPM1270ZF100A3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A3N ALTERA-EPM1270ZF100A3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A4ES ALTERA-EPM1270ZF100A4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A4N ALTERA-EPM1270ZF100A4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A5ES ALTERA-EPM1270ZF100A5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM1270ZF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com