Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8845DV Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # PE8845DV
Description  PE88D Single Frequency PECL Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE8845DV Datasheet(HTML) 7 Page - Pletronics, Inc.

  PE8845DV Datasheet HTML 1Page - Pletronics, Inc. PE8845DV Datasheet HTML 2Page - Pletronics, Inc. PE8845DV Datasheet HTML 3Page - Pletronics, Inc. PE8845DV Datasheet HTML 4Page - Pletronics, Inc. PE8845DV Datasheet HTML 5Page - Pletronics, Inc. PE8845DV Datasheet HTML 6Page - Pletronics, Inc. PE8845DV Datasheet HTML 7Page - Pletronics, Inc. PE8845DV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PE88D Dual Frequency
PECL Clock Oscillator
April 2007
www.pletronics.com
425-776-1880
7
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
16 mm
12.1
14.25
7.5 +
_0.1
8.0 +
_0.1
8.0
16.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.0
Reel dimensions may vary from the above


Similar Part No. - PE8845DV

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
   Frequency Dividers Technical Data Sheet
PE88D2000 PASTERNACK-PE88D2000 Datasheet
495Kb / 7P
   Frequency Multipliers Technical Data Sheet
PE88D4000 PASTERNACK-PE88D4000 Datasheet
492Kb / 7P
   Frequency Multipliers Technical Data Sheet
PE88D5000 PASTERNACK-PE88D5000 Datasheet
355Kb / 6P
   Frequency Multipliers Technical Data Sheet
PE88D8000 PASTERNACK-PE88D8000 Datasheet
494Kb / 7P
   Frequency Multipliers Technical Data Sheet
More results

Similar Description - PE8845DV

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCP-050 CRYSTEKCRYSTAL-CCP-050 Datasheet
108Kb / 1P
   14 Pin Dip, 5V, PECL PECL Clock Oscillator
CCP-033 CRYSTEKCRYSTAL-CCP-033 Datasheet
109Kb / 1P
   14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
   High Frequency Programmable PECL Clock Generator
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
   High-Frequency Programmable PECL Clock Generator
logo
MTRONPTI
M4S MTRONPTI-M4S_07 Datasheet
191Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S MTRONPTI-M4S Datasheet
210Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
logo
Raltron Electronics Cor...
CS9 RALTRON-CS9 Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
Cypress Semiconductor
CY2XP304 CYPRESS-CY2XP304 Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
logo
Connor-Winfield Corpora...
P234-155.52 CONNOR-WINFIELD-P234-155.52 Datasheet
153Kb / 2P
   High Frequency Clock Oscillator
logo
Cypress Semiconductor
CY2XP306 CYPRESS-CY2XP306 Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com