Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3720BW Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # PE3720BW
Description  PE3XB Series 2.5 V PECL Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE3720BW Datasheet(HTML) 3 Page - Pletronics, Inc.

  PE3720BW Datasheet HTML 1Page - Pletronics, Inc. PE3720BW Datasheet HTML 2Page - Pletronics, Inc. PE3720BW Datasheet HTML 3Page - Pletronics, Inc. PE3720BW Datasheet HTML 4Page - Pletronics, Inc. PE3720BW Datasheet HTML 5Page - Pletronics, Inc. PE3720BW Datasheet HTML 6Page - Pletronics, Inc. PE3720BW Datasheet HTML 7Page - Pletronics, Inc. PE3720BW Datasheet HTML 8Page - Pletronics, Inc. PE3720BW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PE3XB Series 2.5 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for 2.50V +
_5% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
1
250
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
PECL /ECL
Output High Level (0
oC to 85oC)
1.475
1.760
volts
Referenced to Ground, V
CC = 2.5 V
0.975
1.260
volts
Referenced to termination voltage, V
CC = 2.5 V
-1.025 -0.740
volts
Referenced to Vcc, V
CC = 2.5 V
Output High Level (-40
oC)
1.415
1.620
volts
Referenced to Ground, V
CC = 2.5 V
0.915
1.12
volts
Referenced to termination voltage, V
CC = 2.5 V
-1.085
-0.88
volts
Referenced to Vcc, V
CC = 2.5 V
Output Low Level (0
oC to 85oC)
0.690
1.095
volts
Referenced to Ground, V
CC = 2.5 V
0.190
0.595
volts
Referenced to termination voltage, V
CC = 2.5 V
-1.810 -1.405
volts
Referenced to Vcc, V
CC = 2.5 V
Output Low Level (-40
oC)
0.670
1.195
volts
Referenced to Ground, V
CC = 2.5 V
0.170
0.695
volts
Referenced to termination voltage, V
CC = 2.5 V
-1.830 -1.305
volts
Referenced to Vcc, V
CC = 2.5 V
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.13
pS RMS
12 KHz to 20 MHz from the output frequency
-
2.8
pS RMS
10 Hz to 1 MHz from the output frequency
Output T
RISE and TFALL
-
0.7
nS
Vth is 20% and 80% of waveform
V
CC Supply Current (ICC)-
90
mA
Enable/Disable Internal Pull-up
50
-
Kohm
to V
CC
V disable
-
0.6
volts
Referenced to pad 3
V enable
1.7
-
volts
Referenced to pad 3
Output leakage
V
OUT = VCC
-10
+10
uA
Pad 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Enable time
-
10
nS
Time for output to reach a logic state
Disable time
-
10
nS
Time for output to reach a high Z state
Start up time
-
10
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
- 40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC
Standby Current I
CC
-
3
uA
Pad 1 low, device disabled
Specifications with E/D pad open circuit


Similar Part No. - PE3720BW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3720BEV PLETRONICS-PE3720BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE3720BW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
logo
List of Unclassifed Man...
PE77D ETC1-PE77D Datasheet
159Kb / 8P
   2.5 V PECL Clock Oscillators
logo
Pletronics, Inc.
PE5545DEW PLETRONICS-PE5545DEW Datasheet
119Kb / 8P
   PE55D Series 2.5 V PECL Clock Oscillators
PE7745DEW PLETRONICS-PE7745DEW Datasheet
158Kb / 8P
   PE77D Series 2.5 V PECL Clock Oscillators
PE7645DEW PLETRONICS-PE7645DEW Datasheet
209Kb / 9P
   PE76D / PE78D Series 2.5 V PECL Clock Oscillators
logo
Vectron International, ...
CO-434_454 VECTRON-CO-434_454 Datasheet
73Kb / 2P
   PECL Clock Oscillators
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com