Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM2210ZM100I Datasheet(PDF) 11 Page - Altera Corporation

Part # EPM2210ZM100I
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM2210ZM100I Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPM2210ZM100I Datasheet HTML 7Page - Altera Corporation EPM2210ZM100I Datasheet HTML 8Page - Altera Corporation EPM2210ZM100I Datasheet HTML 9Page - Altera Corporation EPM2210ZM100I Datasheet HTML 10Page - Altera Corporation EPM2210ZM100I Datasheet HTML 11Page - Altera Corporation EPM2210ZM100I Datasheet HTML 12Page - Altera Corporation EPM2210ZM100I Datasheet HTML 13Page - Altera Corporation EPM2210ZM100I Datasheet HTML 14Page - Altera Corporation EPM2210ZM100I Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Chapter 2: MAX II Architecture
2–3
Functional Description
© October 2008
Altera Corporation
MAX II Device Handbook
Figure 2–2 shows a floorplan of a MAX II device.
Table 2–1. MAX II Device Resources
Devices
UFM Blocks
LAB Columns
LAB Rows
Total LABs
Long LAB Rows
Short LAB Rows
(Width) (1)
EPM240
1
6
4
24
EPM570
1
12
4
3 (3)
57
EPM1270
1
16
7
3 (5)
127
EPM2210
1
20
10
3 (7)
221
Note to Table 2–1:
(1) The width is the number of LAB columns in length.
Figure 2–2. MAX II Device Floorplan (Note 1)
Note to Figure 2–2:
(1) The device shown is an EPM570 device. EPM1270 and EPM2210 devices have a similar floorplan with more LABs. For EPM240 devices, the CFM
and UFM blocks are located on the left side of the device.
UFM Block
CFM Block
I/O Blocks
Logic Array
Blocks
I/O Blocks
Logic Array
Blocks
2 GCLK
Inputs
2 GCLK
Inputs
I/O Blocks


Similar Part No. - EPM2210ZM100I

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM2210ZM100I3ES ALTERA-EPM2210ZM100I3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210ZM100I3N ALTERA-EPM2210ZM100I3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210ZM100I4ES ALTERA-EPM2210ZM100I4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210ZM100I4N ALTERA-EPM2210ZM100I4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210ZM100I5ES ALTERA-EPM2210ZM100I5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM2210ZM100I

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com