Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1145TEV Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # PE1145TEV
Description  PE11T Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE1145TEV Datasheet(HTML) 2 Page - Pletronics, Inc.

  PE1145TEV Datasheet HTML 1Page - Pletronics, Inc. PE1145TEV Datasheet HTML 2Page - Pletronics, Inc. PE1145TEV Datasheet HTML 3Page - Pletronics, Inc. PE1145TEV Datasheet HTML 4Page - Pletronics, Inc. PE1145TEV Datasheet HTML 5Page - Pletronics, Inc. PE1145TEV Datasheet HTML 6Page - Pletronics, Inc. PE1145TEV Datasheet HTML 7Page - Pletronics, Inc. PE1145TEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE11T Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
2
Part Number:
PE11
45
T
E
V
- 622.08M
-XX
Part Marking:
PLE
PE11T
FF.FFF M
C YMDXX
or
PE11Tx
FF.FFF M
PLE xx
C YYWWXX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
Supply Voltage V
CC
V = 3.3V +
_ 10%
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
FF.FFF M = Frequency in MHz
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31


Similar Part No. - PE1145TEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145BV PLETRONICS-PE1145BV Datasheet
93Kb / 5P
   B Package PECL Series
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE1145MV PLETRONICS-PE1145MV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE1145TEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
PE9345DEV PLETRONICS-PE9345DEV Datasheet
139Kb / 8P
   PE93D Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com