Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1144BEV Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # PE1144BEV
Description  PE11B Series 3.3 V PECL Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE1144BEV Datasheet(HTML) 7 Page - Pletronics, Inc.

  PE1144BEV Datasheet HTML 1Page - Pletronics, Inc. PE1144BEV Datasheet HTML 2Page - Pletronics, Inc. PE1144BEV Datasheet HTML 3Page - Pletronics, Inc. PE1144BEV Datasheet HTML 4Page - Pletronics, Inc. PE1144BEV Datasheet HTML 5Page - Pletronics, Inc. PE1144BEV Datasheet HTML 6Page - Pletronics, Inc. PE1144BEV Datasheet HTML 7Page - Pletronics, Inc. PE1144BEV Datasheet HTML 8Page - Pletronics, Inc. PE1144BEV Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PE11B Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed
PE99xxDV series oscillator. This part is now exposed.
The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead
free processes. The cover purpose was only cosmetic.
All parts with 2008 date codes will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the PE99xxDV ceramic part.
Inches
mm
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 µinch (0.5 µm)
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25µm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Pin 3 Ground plane is typical
Not to scale
B
0.550 +
_0.010
13.97 +
_0.25
A
0.390 +
_0.010
9.90 +
_0.25
C
0.105 +
_0.010
2.67 +
_0.25
D
1
0.026 typ.
0.66
E
1
0.050
1.27
F
1
0.028 R
0.72 R
G
1
0.180
4.57
H
1
0.100
2.54
I
1
0.050
1.27
J
1
0.015
0.38
K
1
0.380
9.65
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.


Similar Part No. - PE1144BEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE1144BV PLETRONICS-PE1144BV Datasheet
93Kb / 5P
   B Package PECL Series
More results

Similar Description - PE1144BEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
PE9345DEV PLETRONICS-PE9345DEV Datasheet
139Kb / 8P
   PE93D Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com