Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM240ZM100C Datasheet(PDF) 9 Page - Altera Corporation

Part # EPM240ZM100C
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240ZM100C Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPM240ZM100C Datasheet HTML 5Page - Altera Corporation EPM240ZM100C Datasheet HTML 6Page - Altera Corporation EPM240ZM100C Datasheet HTML 7Page - Altera Corporation EPM240ZM100C Datasheet HTML 8Page - Altera Corporation EPM240ZM100C Datasheet HTML 9Page - Altera Corporation EPM240ZM100C Datasheet HTML 10Page - Altera Corporation EPM240ZM100C Datasheet HTML 11Page - Altera Corporation EPM240ZM100C Datasheet HTML 12Page - Altera Corporation EPM240ZM100C Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
© October 2008
Altera Corporation
MAX II Device Handbook
2. MAX II Architecture
Introduction
This chapter describes the architecture of the MAX II device and contains the
following sections:
“Functional Description” on page 2–1
“Logic Array Blocks” on page 2–4
“Logic Elements” on page 2–6
“MultiTrack Interconnect” on page 2–12
“Global Signals” on page 2–16
“User Flash Memory Block” on page 2–18
“MultiVolt Core” on page 2–22
“I/O Structure” on page 2–23
Functional Description
MAX® II devices contain a two-dimensional row- and column-based architecture to
implement custom logic. Row and column interconnects provide signal interconnects
between the logic array blocks (LABs).
The logic array consists of LABs, with 10 logic elements (LEs) in each LAB. An LE is a
small unit of logic providing efficient implementation of user logic functions. LABs
are grouped into rows and columns across the device. The MultiTrack interconnect
provides fast granular timing delays between LABs. The fast routing between LEs
provides minimum timing delay for added levels of logic versus globally routed
interconnect structures.
The MAX II device I/O pins are fed by I/O elements (IOE) located at the ends of LAB
rows and columns around the periphery of the device. Each IOE contains a
bidirectional I/O buffer with several advanced features. I/O pins support Schmitt
trigger inputs and various single-ended standards, such as 66-MHz, 32-bit PCI, and
LVTTL.
MAX II devices provide a global clock network. The global clock network consists of
four global clock lines that drive throughout the entire device, providing clocks for all
resources within the device. The global clock lines can also be used for control signals
such as clear, preset, or output enable.
MII51002-2.2


Similar Part No. - EPM240ZM100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240ZM100C3ES ALTERA-EPM240ZM100C3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM240ZM100C3N ALTERA-EPM240ZM100C3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM240ZM100C4ES ALTERA-EPM240ZM100C4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM240ZM100C4N ALTERA-EPM240ZM100C4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM240ZM100C5ES ALTERA-EPM240ZM100C5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM240ZM100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com