Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4SGX360 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP4SGX360
Description  Stratix IV Device
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4SGX360 Datasheet(HTML) 5 Page - Altera Corporation

  EP4SGX360 Datasheet HTML 1Page - Altera Corporation EP4SGX360 Datasheet HTML 2Page - Altera Corporation EP4SGX360 Datasheet HTML 3Page - Altera Corporation EP4SGX360 Datasheet HTML 4Page - Altera Corporation EP4SGX360 Datasheet HTML 5Page - Altera Corporation EP4SGX360 Datasheet HTML 6Page - Altera Corporation EP4SGX360 Datasheet HTML 7Page - Altera Corporation EP4SGX360 Datasheet HTML 8Page - Altera Corporation EP4SGX360 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Chapter 1: DC and Switching Characteristics
1–3
Electrical Characteristics
© December 2008
Altera Corporation
Stratix IV Device Handbook, Volume 4
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Stratix IV devices. The steady-state voltage and current values expected from
Stratix IV devices are provided in Table 1–4. All supplies must be strictly monotonic,
without plateaus.
Table 1–3. Maximum Allowed Overshoot During Transitions
Symbol
Description
Condition
Overshoot Duration as %
of High Time
Unit
Vi (AC)
AC input voltage
4.0 V
100.000
%
4.05 V
79.330
%
4.1 V
46.270
%
4.15 V
27.030
%
4.2 V
15.800
%
4.25 V
9.240
%
4.3 V
5.410
%
4.35 V
3.160
%
4.4 V
1.850
%
4.45 V
1.080
%
4.5 V
0.630
%
4.55 V
0.370
%
4.6 V
0.220
%
Table 1–4. Stratix IV Device Recommended Operating Conditions (Part 1 of 2)
Symbol
Description
Condition
Minimum
Typical
Maximum
Unit
V
CC
Core voltage and periphery circuitry power
supply
0.870.900.93
V
V
CCPT
Power supply for programmable power
technology
1.451.501.55
V
V
CCAUX
Auxiliary supply for the programmable
power technology
2.375
2.5
2.625
V
V
CCPD
I/O pre-driver (3.0 V) power supply
2.85
3
3.15
V
I/O pre-driver (2.5 V) power supply
2.375
2.5
2.625
V
V
CCIO
I/O buffers (3.0-V) power supply
2.85
3
3.15
V
I/O buffers (2.5-V) power supply
2.375
2.5
2.625
V
I/O buffers (1.8-V) power supply
1.71
1.8
1.89
V
I/O buffers (1.5-V) power supply
1.425
1.5
1.575
V
I/O buffers (1.2-V) power supply
1.14
1.2
1.26
V
V
CCPGM
Configuration pins (3.0-V) power supply
2.85
3
3.15
V
Configuration pins (2.5-V) power supply
2.375
2.5
2.625
V
Configuration pins (1.8-V) power supply
1.71
1.8
1.89
V
V
CCA_PLL
PLL analog voltage regulator power supply
2.375
2.5
2.625
V
V
CCD_PLL
PLL digital voltage regulator power supply
0.87
0.90
0.93
V


Similar Part No. - EP4SGX360

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4SGX360F35I4 ALTERA-EP4SGX360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
EP4SGX360KF40C3N ALTERA-EP4SGX360KF40C3N Datasheet
1Mb / 82P
   This chapter covers the electrical and switching characteristics for Stratix IV devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results

Similar Description - EP4SGX360

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4SE230F29I4N ALTERA-EP4SE230F29I4N Datasheet
1Mb / 82P
   Stratix IV Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX180DF29I3N ALTERA-EP4SGX180DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX70DF29I3N ALTERA-EP4SGX70DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP3SL110F1152C2N ALTERA-EP3SL110F1152C2N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP3SE260F1152I4N ALTERA-EP3SE260F1152I4N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP2SGX30C ALTERA-EP2SGX30C Datasheet
3Mb / 314P
   Stratix II GX Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com