Electronic Components Datasheet Search |
|
EP2SGX60C Datasheet(PDF) 4 Page - Altera Corporation |
|
EP2SGX60C Datasheet(HTML) 4 Page - Altera Corporation |
4 / 314 page 1–2 Altera Corporation Stratix II GX Device Handbook, Volume 1 October 2007 Features ● Support for multiple intellectual property megafunctions from Altera® MegaCore® functions and Altera Megafunction Partners Program (AMPPSM) megafunctions ● Support for design security using configuration bitstream encryption ● Support for remote configuration updates ■ Transceiver block features: ● High-speed serial transceiver channels with clock data recovery (CDR) provide 600-megabits per second (Mbps) to 6.375-Gbps full-duplex transceiver operation per channel ● Devices available with 4, 8, 12, 16, or 20 high-speed serial transceiver channels providing up to 255 Gbps of serial bandwidth (full duplex) ● Dynamically programmable voltage output differential (VOD) and pre-emphasis settings for improved signal integrity ● Support for CDR-based serial protocols, including PCI Express, Gigabit Ethernet, SDI, Altera’s SerialLite II, XAUI, CEI-6G, CPRI, Serial RapidIO, SONET/SDH ● Dynamic reconfiguration of transceiver channels to switch between multiple protocols and data rates ● Individual transmitter and receiver channel power-down capability for reduced power consumption during non-operation ● Adaptive equalization (AEQ) capability at the receiver to compensate for changing link characteristics ● Selectable on-chip termination resistors (100, 120, or 150 Ω) for improved signal integrity on a variety of transmission media ● Programmable transceiver-to-FPGA interface with support for 8-, 10-, 16-, 20-, 32-, and 40-bit wide data transfer ● 1.2- and 1.5-V pseudo current mode logic (PCML) for 600 Mbps to 6.375 Gbps (AC coupling) ● Receiver indicator for loss of signal (available only in PIPE mode) ● Built-in self test (BIST) ● Hot socketing for hot plug-in or hot swap and power sequencing support without the use of external devices ● Rate matcher, byte-reordering, bit-reordering, pattern detector, and word aligner support programmable patterns ● Dedicated circuitry that is compliant with PIPE, XAUI, and GIGE ● Built-in byte ordering so that a frame or packet always starts in a known byte lane ● Transmitters with two PLL inputs for each transceiver block with independent clock dividers to provide varying clock rates on each of its transmitters |
Similar Part No. - EP2SGX60C |
|
Similar Description - EP2SGX60C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |