Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC1441 Datasheet(PDF) 26 Page - Altera Corporation

Part # EPC1441
Description  SRAM-Based LUT Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1441 Datasheet(HTML) 26 Page - Altera Corporation

Back Button EPC1441 Datasheet HTML 22Page - Altera Corporation EPC1441 Datasheet HTML 23Page - Altera Corporation EPC1441 Datasheet HTML 24Page - Altera Corporation EPC1441 Datasheet HTML 25Page - Altera Corporation EPC1441 Datasheet HTML 26Page - Altera Corporation EPC1441 Datasheet HTML 27Page - Altera Corporation EPC1441 Datasheet HTML 28Page - Altera Corporation EPC1441 Datasheet HTML 29Page - Altera Corporation EPC1441 Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
At 3.3-V operation, all EPC2 inputs are 5.0-V tolerant, except DATA, DCLK,
and nCASC. The DATA, DCLK, and nCEO pins are used only to interface
between the EPC2 configuration device and the APEX II, APEX 20K,
Mercury, ACEX 1K, or FLEX 10K device it is configuring. The voltage
tolerances of all EPC2 pins at 5.0 V and 3.3 V are listed in Table 9.
f For more information on APEX II, APEX 20K, Mercury, ACEX 1K,
FLEX 10K, or FLEX 6000 devices, see the following documents:
ACEX 1K Programmable Logic Device Family Data Sheet
APEX 20K Programmable Logic Device Family Data Sheet
APEX II Programmable Logic Device Family Data Sheet
FLEX 10K Embedded Programmable Logic Family Data Sheet
FLEX 10KE Embedded Programmable Logic Family Data Sheet
FLEX 8000 Programmable Logic Device Family Data Sheet
FLEX 6000 Programmable Logic Device Family Data Sheet
Mercury Programmable Logic Device Family Data Sheet
Table 9. EPC2 Input & Bidirectional Pin Voltage Tolerance
Pin
5.0-V Operation
3.3-V Operation
5.0-V
Tolerant
3.3-V
Tolerant
5.0-V
Tolerant
3.3-V
Tolerant
DATA
vv
v
DCLK
vv
v
nCASC
vv
v
OE
vv
v
v
nCS
vv
v
v
VCCSEL
vv
v
v
VPPSEL
vv
v
v
nINIT_CONF
vv
v
v
TDI
vv
v
v
TMS
vv
v
v
TCK
vv
v
v


Similar Part No. - EPC1441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1441 ETC1-EPC1441 Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based
More results

Similar Description - EPC1441

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2TI32 ALTERA-EPC2TI32 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
logo
List of Unclassifed Man...
EPC1064V ETC1-EPC1064V Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com