Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC1 Datasheet(PDF) 8 Page - Altera Corporation

Part # EPC1
Description  SRAM-Based LUT Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1 Datasheet(HTML) 8 Page - Altera Corporation

Back Button EPC1 Datasheet HTML 4Page - Altera Corporation EPC1 Datasheet HTML 5Page - Altera Corporation EPC1 Datasheet HTML 6Page - Altera Corporation EPC1 Datasheet HTML 7Page - Altera Corporation EPC1 Datasheet HTML 8Page - Altera Corporation EPC1 Datasheet HTML 9Page - Altera Corporation EPC1 Datasheet HTML 10Page - Altera Corporation EPC1 Datasheet HTML 11Page - Altera Corporation EPC1 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
APEX II, APEX 20K, Mercury, ACEX 1K, FLEX 10K & FLEX 6000
Device Configuration
APEX 20K, Mercury, ACEX 1K, and FLEX devices can be configured with
EPC4, EPC8, EPC16, EPC2, EPC1, or EPC1441 devices. FLEX 6000 devices
can be configured with EPC1 or EPC1441 devices. APEX II devices can be
configured with EPC2, EPC4, EPC8, and EPC16 devices. The EPC4, EPC8,
EPC16, EPC2, EPC1, or EPC1441 device stores configuration data in its
EPROM array and serially clocks data out with an internal oscillator. The
OE
, nCS, and DCLK pins supply the control signals for the address counter
and the output tri-state buffer. The configuration device sends a serial
bitstream of configuration data to its DATA pin, which is routed to the
DATA0
or DATA input pin on the LUT-based PLD device. Figure 4 shows
an LUT-based PLD configured with a single EPC2, EPC1, or EPC1441
device.


Similar Part No. - EPC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1 ETC1-EPC1 Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based
More results

Similar Description - EPC1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2TI32 ALTERA-EPC2TI32 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
logo
List of Unclassifed Man...
EPC1064V ETC1-EPC1064V Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com