Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1SGX40G Datasheet(PDF) 3 Page - Altera Corporation

Part # EP1SGX40G
Description  StratixGX FPGA Family
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40G Datasheet(HTML) 3 Page - Altera Corporation

  EP1SGX40G Datasheet HTML 1Page - Altera Corporation EP1SGX40G Datasheet HTML 2Page - Altera Corporation EP1SGX40G Datasheet HTML 3Page - Altera Corporation EP1SGX40G Datasheet HTML 4Page - Altera Corporation EP1SGX40G Datasheet HTML 5Page - Altera Corporation EP1SGX40G Datasheet HTML 6Page - Altera Corporation EP1SGX40G Datasheet HTML 7Page - Altera Corporation EP1SGX40G Datasheet HTML 8Page - Altera Corporation EP1SGX40G Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 262 page
background image
Altera Corporation
3
Preliminary
Features
Stratix GX devices are available in space-saving FineLine BGA® packages
(refer to Tables 2 and 3), and in multiple speed grades (refer to Table 4).
Stratix GX devices support vertical migration within the same package
(that is, the designer can migrate between the EP1SGX10C and
EP1SGX25C devices in the 672-pin FineLine BGA package). See the
Stratix GX device pin tables for more information. Vertical migration
means that designers can migrate to devices whose dedicated pins,
configuration pins, and power pins are the same for a given package
across device densities. For I/O pin migration across densities, the
designer must cross-reference the available I/O pins using the device pin-
outs for all planned densities of a given package type, to identify which
I/O pins it is possible to migrate. The Quartus II software can
automatically cross reference and place all pins for migration when given
a device migration list.
Table 1. Stratix GX Device Features
Feature
EP1SGX10C
EP1SGX10D
EP1SGX25C
EP1SGX25D
EP1SGX25F
EP1SGX40D
EP1SGX40G
LEs
10,570
25,660
41,250
Transceiver channels
4, 8
4, 8, 16
8, 20
Source-synchronous channels
22
39
45
M512 RAM blocks (32 × 18 bits)
94
224
384
M4K RAM blocks (128 × 36 bits)
60
138
183
M-RAM blocks (4K ×144 bits)
1
2
4
Total RAM bits
920,448
1,944,576
3,423,744
Digital signal processing (DSP) blocks
6
10
14
Embedded multipliers (1)
48
80
112
PLLs
4
4
8
Note to Table 1:
(1)
This parameter lists the total number of 9- × 9-bit multipliers for each device. For the total number of 18- × 18-bit
multipliers per device, divide the total number of 9- × 9-bit multipliers by 2. For the total number of 36- × 36-bit
multipliers per device, decide the total number of 9- × 9-bit multipliers by 8.
Table 2. Stratix GX Package Options & I/O Pin Counts (Part 1
of 2)
Note (1)
Device
672-Pin FineLine BGA
1,020-Pin FineLine BGA
EP1SGX10C
362
EP1SGX10D
362
EP1SGX25C
455


Similar Part No. - EP1SGX40G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
logo
Xilinx, Inc
XC3S50 XILINX-XC3S50_08 Datasheet
5Mb / 216P
   Spartan-3 FPGA Family
XC3S50 XILINX-XC3S50_05 Datasheet
1Mb / 198P
   Spartan-3 FPGA Family
XC3S50A-4TQG144C XILINX-XC3S50A-4TQG144C Datasheet
5Mb / 132P
   Spartan-3A FPGA Family
XC3S200A-4FTG256I XILINX-XC3S200A-4FTG256I Datasheet
5Mb / 132P
   Spartan-3A FPGA Family
DS001 XILINX-DS001 Datasheet
1,015Kb / 99P
   Spartan-II FPGA Family
logo
Altera Corporation
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com