Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A141CCQ24VDC2D Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A141CCQ24VDC2D
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A141CCQ24VDC2D Datasheet(HTML) 1 Page - CIT Relay & Switch

  A141CCQ24VDC2D Datasheet HTML 1Page - CIT Relay & Switch A141CCQ24VDC2D Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A14
32.6 x 34.6 x 34.0 mm
RoHS Compliant
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
2. For Dry Circuit application contact factory
3. The coil has a 1K ohm resistor in parallel
that is taken into account in the coil
resistance specification
Large switching capacity up to 100A
Ideal for high inrush applications
Quick connect mounting available
Suitable for automobile and lamp accessories
QS-9000, ISO-9002 Certified Manufacturing
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
12
15.6
50
8.40
1.2
2.90
10
5
24
31.2
155
16.80
2.4
General Data
Coil Data
Contact Data
page 97
Features
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
1A : 100A @ 12VDC
1A : 50A @ 24VDC
1C : N.O. 100A @ 12VDC
1C : N.O. 50A @ 24VDC
1C : N.C. 70A @ 12VDC
1C : N.C. 35A @ 24VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2In2O3
Maximum Switching Power
1200W
Maximum Switching Voltage
75VDC
Maximum Switching Current
100A
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
2500V rms min. @ sea level
Contact to Contact
1500V rms min. @ sea level
Shock Resistance
147m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
30N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
60g


Similar Part No. - A141CCQ24VDC2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1410 ETC-A1410 Datasheet
84Kb / 1P
   ACTIVE (DIGITAL) DELAY LINES
logo
Actel Corporation
A14100 ACTEL-A14100 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
logo
Microsemi Corporation
A14100 MICROSEMI-A14100 Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A14100A MICROSEMI-A14100A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A141CCQ24VDC2D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com