Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42UC3VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A42UC3VDC
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A42UC3VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  A42UC3VDC Datasheet HTML 1Page - CIT Relay & Switch A42UC3VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A4
16.9 x 14.5 (29.7) x 19.5 mm
RoHS Compliant
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
3
3.9
9
2.10
.3
1.00
15
5
5
6.5
25
3.50
.5
6
7.8
36
4.20
.6
9
11.7
85
6.30
.9
12
15.6
145
8.40
1.2
18
23.4
342
12.60
1.8
24
31.2
576
16.80
2.4
Low coil power consumption
Switching current up to 20A with small size and light weight
Suitable for household appliances, automotive applications
Dual relay available
General Data
Contact Data
Coil Data
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
Contact
1A & 1U = SPST N.O.
Arrangement
1C & 1W = SPDT
2A & 2U = (2) SPST N.O.
2C & 2W = (2) SPDT
Contact Rating 1A & 1C = 10A @ 120VAC, 28VDC & 20A @ 14VDC
2A & 2C = 10A @ 120VAC, 28VDC & 20A @ 14VDC
1U & 1W = 2x10A @ 120VAC, 28VDC
1U & 1W = 2x20A @ 14VDC
2U & 2W = 2x10A @ 120VAC, 28VDC
2U & 2W = 2x20A @ 14VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Max Switching Power
1A & 1C : 280W
1U & 1W : 2x280W
Max Switching Voltage
380VAC, 75VDC
Max Switching Current
20A
Features
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level
Contact to Contact
750V rms min. @ sea level
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.27mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
12g & 24g


Similar Part No. - A42UC3VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A42UC12VDC CIT-A42UC12VDC Datasheet
135Kb / 2P
   Low coil power consumption
A42UC24VDC CIT-A42UC24VDC Datasheet
135Kb / 2P
   Low coil power consumption
More results

Similar Description - A42UC3VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com