Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPXA4 Datasheet(PDF) 9 Page - Altera Corporation

Part # EPXA4
Description  Excalibur Device Overview
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPXA4 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPXA4 Datasheet HTML 5Page - Altera Corporation EPXA4 Datasheet HTML 6Page - Altera Corporation EPXA4 Datasheet HTML 7Page - Altera Corporation EPXA4 Datasheet HTML 8Page - Altera Corporation EPXA4 Datasheet HTML 9Page - Altera Corporation EPXA4 Datasheet HTML 10Page - Altera Corporation EPXA4 Datasheet HTML 11Page - Altera Corporation EPXA4 Datasheet HTML 12Page - Altera Corporation EPXA4 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Altera Corporation
9
Excalibur Device Overview
In addition, there are either one or two blocks of dual-port SRAM in
the embedded stripe, depending on the device type. The outputs of
the dual-port memories can be registered. One of the ports gives
dedicated access to the PLD; the other port can be configured for
access by AHB masters or by the PLD. The width of the data port to
the PLD is configurable as ×8, ×16, or ×32 bits. For the larger devices,
the dual-port SRAM blocks can be combined to form a ×64-bit data-
width interface. This allows the designer to build deeper and wider
memories and multiplex the data outputs within the stripe.
External Memory Controllers
The Excalibur family provides two embedded memory controllers
that can be accessed by any of the bus masters: one for external
SDRAM, and a second for external flash memory or SRAM.
The SDRAM memory controller supports the following commonly-
available memory standards, without the addition of any logic:
I
Single-data rate (SDR) 133-MHz data rates
I
Double-data rate (DDR) 266-MHz data rates
An embedded stripe PLL supplies the appropriate timing to the
SDRAM memory controller subsystem. Users can program the
frequency to match the chosen memory components.
The EBI supports the interface to system ROM, allowing external
flash memory access and reprogramming. In addition, static RAM
and simple peripherals can be connected to this interface externally.
Embedded Peripherals
A single 16-Kbyte memory region in the embedded stripe contains
configuration and control registers, plus status and control registers
for the embedded peripherals. The region contains the following
modules:
I
Configuration Registers
I
Embedded Stripe PLLs
I
UART
I
Timer
I
Watchdog timer
I
General Purpose I/O Port
I
Interrupt controller


Similar Part No. - EPXA4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPXA4 ALTERA-EPXA4 Datasheet
452Kb / 34P
   Excalibur Devices
More results

Similar Description - EPXA4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12NE64CPVE FREESCALE-MC9S12NE64CPVE Datasheet
3Mb / 554P
   MC9S12NE64 Device Overview
logo
Altera Corporation
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
logo
Altera Corporation
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
logo
Intel Corporation
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
   Stratix III Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com