Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3C5 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP3C5
Description  Cyclone Series Device Thermal Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5 Datasheet(HTML) 5 Page - Altera Corporation

  EP3C5 Datasheet HTML 1Page - Altera Corporation EP3C5 Datasheet HTML 2Page - Altera Corporation EP3C5 Datasheet HTML 3Page - Altera Corporation EP3C5 Datasheet HTML 4Page - Altera Corporation EP3C5 Datasheet HTML 5Page - Altera Corporation EP3C5 Datasheet HTML 6Page - Altera Corporation EP3C5 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Altera Corporation
DS-CYTHRML-3.0
5
Altera Device Package Information Data Sheet
Cyclone II
Devices
Table 5 provides
θJA (junction-to-ambient thermal resistance) and θJC
(junction-to-case thermal resistance) values for Cyclone II devices.
EP3C80
U484
20
15.9
13.8
12.1
6.3
F484
17.7
13.7
11.8
10.3
5.2
F780
15.9
12.2
10.5
9.1
5.1
EP3C120
F484
16.8
12.9
11
9.4
4.4
F780
15.1
11.4
9.6
8.3
4.2
Table 4. Thermal Resistance of Cyclone III Devices for Typical Board (Part 2 of 2)
Device
Package
θJA (°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJB (°C/W)
Table 5. Thermal Resistance of Cyclone II Devices
Device
Package
θJA (°C/W)
0 ft./min.
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJC (°C/W)
EP2C5
F256
30.2
26.1
23.6
21.7
8.7
T144
31
29.3
27.9
25.5
10
Q208
30.4
29.2
27.3
22.3
5.5
EP2C8
F256
27.0
23.0
20.5
18.5
7.1
T144
29.8
28.3
26.9
24.9
9.9
Q208
30.2
28.2
26.9
21.7
5.4
EP2C20
Q240
26.6
24.0
21.4
17.4
4.2
F256
24.2
20.0
17.8
16.0
5.5
F484
21.0
17.0
14.8
13.1
4.2
T144
27.6
26.4
25.4
23.8
9.6
EP2C35
F484
19.4
15.4
13.3
11.7
3.3
U484
20.6
16.6
14.5
12.8
5.0
F672
18.6
14.6
12.6
11.1
3.1
EP2C50
F484
18.4
14.4
12.4
10.9
2.8
U484
19.6
15.6
13.6
11.9
4.4
F672
17.7
13.7
11.8
10.2
2.6
EP2C70
F672
16.9
13.0
11.1
9.7
2.2
F896
16.3
11.9
10.5
9.1
2.1


Similar Part No. - EP3C5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5 ALTERA-EP3C5 Datasheet
778Kb / 34P
   Cyclone III Device Data Sheet
EP3C5 ALTERA-EP3C5 Datasheet
406Kb / 8P
   Cyclone III low-cost FPGAs
EP3C5 ALTERA-EP3C5 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3C5 ALTERA-EP3C5 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
EP3C5 ALTERA-EP3C5 Datasheet
7Mb / 274P
   Chapter Revision Dates
More results

Similar Description - EP3C5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com