Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11CSQ24VDC1.2 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A11CSQ24VDC1.2
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A11CSQ24VDC1.2 Datasheet(HTML) 2 Page - CIT Relay & Switch

  A11CSQ24VDC1.2 Datasheet HTML 1Page - CIT Relay & Switch A11CSQ24VDC1.2 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A1
1. Series
A1
1A
S
Q
12VDC
1.2
A1
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
3. Sealing Option
S = Sealed
4. Termination
P = PCB Pins
Q = Quick Connect
5. Coil Voltage
6VDC
12VDC
24VDC
48VDC
6. Coil Power
1.2 = 1.2W
1.5 = 1.5W
7. Coil Suppression
Blank = Standard
D = Diode (1N4005)
R = Resistor (680 ohms)
** Consult factory if other values are needed
Dimensions
Units = mm
PC Pin Dimensions
Units = mm
1A
1C
Schematics & PC Layouts
Bottom Views
Ordering Information


Similar Part No. - A11CSQ24VDC1.2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A11CSQ24VDC1.2D CIT-A11CSQ24VDC1.2D Datasheet
104Kb / 3P
   Switching capacity up to 30A
A11CSQ24VDC1.2R CIT-A11CSQ24VDC1.2R Datasheet
104Kb / 3P
   Switching capacity up to 30A
More results

Similar Description - A11CSQ24VDC1.2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com